Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFIC10275GN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFIC10275GN
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC10275GN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFIC10275GN Datasheet HTML 4Page - NXP Semiconductors AFIC10275GN Datasheet HTML 5Page - NXP Semiconductors AFIC10275GN Datasheet HTML 6Page - NXP Semiconductors AFIC10275GN Datasheet HTML 7Page - NXP Semiconductors AFIC10275GN Datasheet HTML 8Page - NXP Semiconductors AFIC10275GN Datasheet HTML 9Page - NXP Semiconductors AFIC10275GN Datasheet HTML 10Page - NXP Semiconductors AFIC10275GN Datasheet HTML 11Page - NXP Semiconductors AFIC10275GN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
AFIC10275N AFIC10275GN
TYPICAL CHARACTERISTICS — 1090 MHz
REFERENCE CIRCUIT
0.15
Pin, INPUT POWER (WATTS) PEAK
Figure 7. Power Gain, Drain Efficiency and Output
Power versus Input Power
32
31
30
0
90
70
50
10
150
100
29
28
27
26
25
24
0.2
0.25
0.3
0.35
30
50
Pout
0.1
0.05
Gps
200
250
300
33
34
35
0.0
Pin, INPUT POWER (WATTS) PEAK
250
150
300
200
0.1
0.15
50
0
100
0.05
0.0
0.2
0.25
0.3
0.35
0.4
Figure 8. Output Power versus Input Power
D
VDD = 50 Vdc, f = 1090 MHz
IDQ1 =80 mA, IDQ2 = 150 mA
Pulse Width = 128 sec
Duty Cycle = 10%
VDD = 50 Vdc, f = 1090 MHz
IDQ1 =80 mA, IDQ2 = 150 mA
Pulse Width =128 sec
Duty Cycle = 10%
f
MHz
Zsource
Zload
1090
36.7 -- j29
1.3 + j0.60
Zsource = Test circuit input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 9. Series Equivalent Source and Load Impedance — 1090 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 


Similar Part No. - AFIC10275GN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFIC31025GN NXP-AFIC31025GN Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC31025N NXP-AFIC31025N Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
More results

Similar Description - AFIC10275GN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com