Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFIC10275GN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFIC10275GN
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC10275GN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFIC10275GN Datasheet HTML 3Page - NXP Semiconductors AFIC10275GN Datasheet HTML 4Page - NXP Semiconductors AFIC10275GN Datasheet HTML 5Page - NXP Semiconductors AFIC10275GN Datasheet HTML 6Page - NXP Semiconductors AFIC10275GN Datasheet HTML 7Page - NXP Semiconductors AFIC10275GN Datasheet HTML 8Page - NXP Semiconductors AFIC10275GN Datasheet HTML 9Page - NXP Semiconductors AFIC10275GN Datasheet HTML 10Page - NXP Semiconductors AFIC10275GN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AFIC10275N AFIC10275GN
7
RF Device Data
Freescale Semiconductor, Inc.
1090 MHz REFERENCE CIRCUIT —1.97 x2.76 (5.0 cm x 7.0 cm)
Figure 6. AFIC10275N Reference Component Layout — 1090 MHz
* Stacked Capacitors
Note: Component numbers C2, C3, C4, and C5 are not used.
VDD1
VDD2
C13*
C14*
C15*
C16*
Rev. B
AFIC10275N
R3
R5
R6
R4
C18
C19
C20
C26 C1
C23
C24
R1
R2
C22
C12
C7
C6
C8
C9
C10
D64966
C12
C25
C17
C21
Q1
Thermal
Sense
RFout
Sense
Table 8. AFIC10275N Reference Circuit Component Designations and Values — 1090 MHz
Part
Description
Part Number
Manufacturer
C1, C10
56 pF Chip Capacitors
ATC600F560JT250XT
ATC
C11, C12, C17, C18,
C19
51 pF Chip Capacitors
ATC600F510JT250XT
ATC
C6, C7
10 pF Chip Capacitors
ATC600F100JT250XT
ATC
C8
6.8 pF Chip Capacitor
ATC600F6R8BT250XT
ATC
C9
2.4 pF Chip Capacitor
ATC600F2R4BT250XT
ATC
C13, C14, C15, C16,
C25, C26
10 F Chip Capacitors
C5750X7S2A106M
TDK
C20
1 F Chip Capacitor
GRM21BR71H105KA12L
Murata
C21, C22
8.2 pF Chip Capacitors
ATC600F8R2BT250XT
ATC
C23
2.7 pF Chip Capacitor
ATC600F2R7BT250XT
ATC
C24
1.5 pF Chip Capacitor
ATC600F1R5BT250XT
ATC
R1
13.7 k 1/16 W Chip Resistor
RR0816P-1372-B-T5-14C
Susumu
R2
1.2 k 1/16 W Chip Resistor
RR0816P-122-B-T5
Susumu
Q1
RF Power LDMOS Transistor
AFIC10275NR1
Freescale
PCB
Taconic RF60A 0.025, r =6.15
D64966
MTL


Similar Part No. - AFIC10275GN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFIC31025GN NXP-AFIC31025GN Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC31025N NXP-AFIC31025N Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
More results

Similar Description - AFIC10275GN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com