![]() |
Electronic Components Datasheet Search |
|
AFIC10275GN Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
AFIC10275GN Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 22 page ![]() 2 RF Device Data Freescale Semiconductor, Inc. AFIC10275N AFIC10275GN Figure 1. Functional Block Diagram Figure 2. Pin Connections (Top View) Quiescent Current Temperature Compensation (1) and Thermal Sense VDS1 RFin VGS1 RFout/VDS2 VGS2 Note: Exposed backside of the package is the source terminal for the transistors. VDS1 N.C. RFin N.C. RFout /VDS2 1 2 3 4 7 8 14 N.C. 9 10 11 VGS2 VGS1 RFin RFin Thermal Sense RFin RFout Sense RFout /VDS2 13 6 12 5 Thermal Sense RFout Sense Stage 1 Stage 2 Table 1. Maximum Ratings Rating Symbol Value Unit Drain--Source Voltage VDSS –0.5, +100 Vdc Gate--Source Voltage VGS –6, +10 Vdc Operating Voltage VDD 50, +0 Vdc Storage Temperature Range Tstg –65 to +150 C Case Operating Temperature Range TC –40 to 150 C Operating Junction Temperature Range (2,3) TJ –40 to 225 C Input Power Pin 25 dBm Table 2. Thermal Characteristics Characteristic Symbol Value (3,4) Unit Thermal Resistance, Junction to Case Case Temperature 81C, 250 W Peak, 128 sec Pulse Width, 10% Duty Cycle, 1090 MHz Stage 1, 50 Vdc, IDQ1 =80 mA Stage 2, 50 Vdc, IDQ2 = 150 mA ZJC 1.1 0.15 C/W Table 3. ESD Protection Characteristics Test Methodology Class Human Body Model (per JESD22--A114) Class 2, passes 2500 V Machine Model (per EIA/JESD22--A115) Class A, passes 150 V Charge Device Model (per JESD22--C101) Class II, passes 200 V Table 4. Moisture Sensitivity Level Test Methodology Rating Package Peak Temperature Unit Per JESD22--A113, IPC/JEDEC J--STD--020 3 260 C 1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family. and to AN1987, Quiescent Current Control for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf and search for AN1977 and AN1987. 2. Continuous use at maximum temperature will affect MTTF. 3. MTTF calculator available at http://www.freescale.com/rf/calculators. 4. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf and search for AN1955. |
Similar Part No. - AFIC10275GN |
|
Similar Description - AFIC10275GN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |