Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFIC10275N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFIC10275N
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC10275N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFIC10275N Datasheet HTML 1Page - NXP Semiconductors AFIC10275N Datasheet HTML 2Page - NXP Semiconductors AFIC10275N Datasheet HTML 3Page - NXP Semiconductors AFIC10275N Datasheet HTML 4Page - NXP Semiconductors AFIC10275N Datasheet HTML 5Page - NXP Semiconductors AFIC10275N Datasheet HTML 6Page - NXP Semiconductors AFIC10275N Datasheet HTML 7Page - NXP Semiconductors AFIC10275N Datasheet HTML 8Page - NXP Semiconductors AFIC10275N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AFIC10275N AFIC10275GN
5
RF Device Data
Freescale Semiconductor, Inc.
978–1090 MHz BROADBAND REFERENCE CIRCUIT —1.97 x2.76 (5.0 cm x 7.0 cm)
Table 7. 978–1090 MHz Broadband Performance (In Freescale Reference Circuit, 50 ohm system)
VDD =50 Vdc, IDQ1 =80 mA, IDQ2 = 150 mA, Pout = 250 W Peak, 128 sec Pulse Width, 10% Duty Cycle
Frequency
(MHz)
Gps
(dB)
2nd Stage Eff.
(%)
Signal
Type
Pout
(W)
978
32.6
61.0
Pulse
250
1030
32.5
59.1
Pulse
250
1090
30.1
60.6
Pulse
250
Note: For additional information on the 978--1090 broadband reference circuit, contact your local Freescale
sales office or Freescale authorized distributor.


Similar Part No. - AFIC10275N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFIC31025GN NXP-AFIC31025GN Datasheet
354Kb / 12P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC31025N NXP-AFIC31025N Datasheet
354Kb / 12P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
More results

Similar Description - AFIC10275N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com