Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFIC10275N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFIC10275N
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC10275N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFIC10275N Datasheet HTML 1Page - NXP Semiconductors AFIC10275N Datasheet HTML 2Page - NXP Semiconductors AFIC10275N Datasheet HTML 3Page - NXP Semiconductors AFIC10275N Datasheet HTML 4Page - NXP Semiconductors AFIC10275N Datasheet HTML 5Page - NXP Semiconductors AFIC10275N Datasheet HTML 6Page - NXP Semiconductors AFIC10275N Datasheet HTML 7Page - NXP Semiconductors AFIC10275N Datasheet HTML 8Page - NXP Semiconductors AFIC10275N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AFIC10275N AFIC10275GN
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =55 Vdc, VGS =0 Vdc)
IDSS
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
1
Adc
Stage 1 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =52 Adc)
VGS(th)
1.3
1.8
2.3
Vdc
Fixture Gate Quiescent Voltage
(VDD =50 Vdc, IDQ1 = 80 mAdc, Measured in Functional Test)
VGG(Q)
6.0
7.0
8.0
Vdc
Stage 2 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =55 Vdc, VGS =0 Vdc)
IDSS
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
1
Adc
Stage 2 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 528 Adc)
VGS(th)
1.3
1.8
2.3
Vdc
Fixture Gate Quiescent Voltage
(VDD =50 Vdc, IDQ2 = 150 mAdc, Measured in Functional Test)
VGG(Q)
2.2
2.7
3.2
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =1.6 Adc)
VDS(on)
0.25
Vdc
Functional Tests (1,2) (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ1 =80 mA, IDQ2 = 150 mA, Pout = 250 W Peak
(25 W Avg.), f = 1090 MHz, 128 sec Pulse Width, 10% Duty Cycle
Power Gain
Gps
30.5
32.1
34.0
dB
2nd Stage Drain Efficiency
D
57.0
61.4
%
Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system) IDQ1 =80 mA, IDQ2 = 150 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
1090
Pulse
(128 sec,
10% Duty
Cycle)
> 10:1 at all Phase Angles
0.345 W Peak
(3 dB Overdrive)
50
No Device Degradation
Table 6. Ordering Information
Device
Tape and Reel Information
Package
AFIC10275NR1
R1 Suffix = 500 Units, 44 mm Tape Width, 13--inch Reel
TO--270WB--14
AFIC10275GNR1
TO--270WBG--14
1. Part internally input matched.
2. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull wing
(GN) parts.


Similar Part No. - AFIC10275N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFIC31025GN NXP-AFIC31025GN Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC31025N NXP-AFIC31025N Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
More results

Similar Description - AFIC10275N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com