Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFIC10275N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AFIC10275N
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC10275N Datasheet(HTML) 2 Page - NXP Semiconductors

  AFIC10275N Datasheet HTML 1Page - NXP Semiconductors AFIC10275N Datasheet HTML 2Page - NXP Semiconductors AFIC10275N Datasheet HTML 3Page - NXP Semiconductors AFIC10275N Datasheet HTML 4Page - NXP Semiconductors AFIC10275N Datasheet HTML 5Page - NXP Semiconductors AFIC10275N Datasheet HTML 6Page - NXP Semiconductors AFIC10275N Datasheet HTML 7Page - NXP Semiconductors AFIC10275N Datasheet HTML 8Page - NXP Semiconductors AFIC10275N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
AFIC10275N AFIC10275GN
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
(Top View)
Quiescent Current
Temperature Compensation (1)
and Thermal Sense
VDS1
RFin
VGS1
RFout/VDS2
VGS2
Note: Exposed backside of the package is
the source terminal for the transistors.
VDS1
N.C.
RFin
N.C.
RFout /VDS2
1
2
3
4
7
8
14
N.C.
9
10
11
VGS2
VGS1
RFin
RFin
Thermal Sense
RFin
RFout Sense
RFout /VDS2
13
6
12
5
Thermal Sense
RFout Sense
Stage 1
Stage 2
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +100
Vdc
Gate--Source Voltage
VGS
–6, +10
Vdc
Operating Voltage
VDD
50, +0
Vdc
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature Range
TC
–40 to 150
C
Operating Junction Temperature Range (2,3)
TJ
–40 to 225
C
Input Power
Pin
25
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (3,4)
Unit
Thermal Resistance, Junction to Case
Case Temperature 81C, 250 W Peak, 128 sec Pulse Width, 10% Duty Cycle,
1090 MHz
Stage 1, 50 Vdc, IDQ1 =80 mA
Stage 2, 50 Vdc, IDQ2 = 150 mA
ZJC
1.1
0.15
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
Class 2, passes 2500 V
Machine Model (per EIA/JESD22--A115)
Class A, passes 150 V
Charge Device Model (per JESD22--C101)
Class II, passes 200 V
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family. and to AN1987, Quiescent Current
Control for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf and search for AN1977 and AN1987.
2. Continuous use at maximum temperature will affect MTTF.
3. MTTF calculator available at http://www.freescale.com/rf/calculators.
4. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf and search for AN1955.


Similar Part No. - AFIC10275N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFIC31025GN NXP-AFIC31025GN Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC31025N NXP-AFIC31025N Datasheet
354Kb / 12P
   RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
More results

Similar Description - AFIC10275N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com