Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-50XB Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-50XB
Description  14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-50XB Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-50XB Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-50XB Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-50XB Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-50XB Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Absolute Maximum Ratings at TA=25°C
HDSP-501B
Parameter
Symbol
HDSP-503B
Units
Power Dissipated per Segment or DP
PD
135
mW
Peak Forward Current per Segment or DP
IPEAK
70
mA
(1/10 Duty Cycle, 0.1 ms Pulse Width)
DC Forward Current per Segment or DP[1]
IF
30[1]
mA
Reverse Voltage per Segment or DP
VR
5V
Operating Temperature
TO
–20 to +80
°C
Storage Temperature
TS
–30 to +85
°C
Wave Soldering Conditions
Temperature
250
°C
(1.6 mm [0.063 in.] below Body)
Time
3
s
Note:
1. Derate above 25
°C at 0.33 mA/°C.
Devices
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max. Units Conditions
Luminous Intensity/Segment
Iv
2.02
3.40
mcd
IF = 10 mA
(Segment Average)[1,2]
501B
Forward Voltage/Segment or DP
VF
3.80
4.50
V
IF = 20 mA
503B
Peak Wavelength
λ
PEAK
428
nm
Dominant Wavelength[3]
λ
d
466
nm
Reverse Current/Segment or DP[4]
IR
100
µAV
R = 5 V
Bin Name
Min.[2]
Max.[2]
H
2020
2630
I
2630
3420
J
3420
4200
K
4200
5040
Notes:
1. Bin categories are established for classification of products. Products may not be
available in all bin categories.
2. Tolerance for each bin limit is
± 10%.
Intensity Bin Limits[1] (
µcd at 10 mA)
Notes:
1. Case temperature of the device immediately prior to the intensity measurement is 25
°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
Optical/Electrical Characteristics at TA=25°C


Similar Part No. - HDSP-50XB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
More results

Similar Description - HDSP-50XB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-K40X HP-HDSP-K40X Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-52XE HP-HDSP-52XE Datasheet
172Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com