Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-50XB Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-50XB
Description  14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-50XB Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-50XB Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-50XB Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-50XB Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-50XB Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Devices
Blue
HDSP- Description
501B
Common Anode Right
Hand Decimal
503B
Common Cathode
Right Hand Decimal
Note:
1. For details, please contact your local
Avago components sales office or an
authorized distributor.
Part Numbering System
5082 - X XX X - X X X XX
HDSP - X XX X - X X X XX
Mechanical Options[1]
00: No Mechanical Option
Color Bin Options[1,2]
0: No Color Bin Limitation
Minimum Intensity Bin[1,2]
0: No Maximum Intensity Bin Limitation
Minimum Intensity Bin[1,2]
0: No Minimum Intensity Bin Limitation
Device Configuration/Color[1]
B: Blue
Device Specification Configuration[1]
Refer to Respective Datasheet
Package[1]
Refer to Respective Datasheet
Notes:
1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest
Avago representative for details.
2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1
bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
Description
These 14.2 mm (0.56 inch) blue displays use
industry standard size and pin-out. The devices are
available as either common anode or common
cathode. The HDSP-50xB series are suitable for
indoor use.
Features
• Industry standard size
• Industry standard pin-out
15.24 mm (0.6 in.) DIP leads on 2.54 mm (0.1 in.) centers
• Blue color
• Mitered font
Mitered corners on segments
• Gray face paint
Gray package gives optimum contrast
± 50° viewing angle
• Design flexibility
Common anode or common cathode
• Categorized for luminous intensity
Applications
• Suitable for indoor use
• Not recommended for industrial applications, i.e.,
operating temperature requirements exceeding 80
°C or
below –20
°C[1]
• Extreme temperature cycling not recommended[1]
HDSP-50xB Series
14.2 mm (0.56 inch) General Purpose Blue
Seven Segment Displays
Data Sheet


Similar Part No. - HDSP-50XB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
More results

Similar Description - HDSP-50XB

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-K40X HP-HDSP-K40X Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-52XE HP-HDSP-52XE Datasheet
172Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com