Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57254-30GW Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA57254-30GW
Description  CMOS switching regulator (PWM controlled)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57254-30GW Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA57254-30GW Datasheet HTML 10Page - NXP Semiconductors SA57254-30GW Datasheet HTML 11Page - NXP Semiconductors SA57254-30GW Datasheet HTML 12Page - NXP Semiconductors SA57254-30GW Datasheet HTML 13Page - NXP Semiconductors SA57254-30GW Datasheet HTML 14Page - NXP Semiconductors SA57254-30GW Datasheet HTML 15Page - NXP Semiconductors SA57254-30GW Datasheet HTML 16Page - NXP Semiconductors SA57254-30GW Datasheet HTML 17Page - NXP Semiconductors SA57254-30GW Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Philips Semiconductors
Product data
SA57254-XX
CMOS switching regulator (PWM controlled)
2003 Nov 11
14
Designing a passive snubber
If the switching power supply is generating too much radio
frequency interference (RFI) a passive snubber can be added.
A passive snubber is a series resistor and capacitor placed across
any component that exhibits a resonant “ringing”. This series R-L-C
loop creates a lossy or damped tank circuit that dissipates the
ringing energy. The design is critical, because it introduces another
loss within the converter.
Designing a snubber is an empirical process, mainly because it
involves undefined parasitic capacitances and inductances
contributed by the PCB layout, leakage inductance, and device
capacitances. The snubber should be placed across the major
source of the spike or ringing which is the output rectifier for a boost
converter (see Figure 24) and the primary winding of the transformer
for a flyback transformer.
The usual design process is:
1. Measure the period of the undesired ringing (T0).
2. Place a very small ceramic capacitor (about 10 pF) across the
output rectifier or primary winding.
3. Re-measure the period of the undesired ringing. The new period
should be about 3 times that of T0. If it is less than this, place a
slightly larger value of capacitor across the output rectifier or
primary winding.
4. Once the desired increase in the ringing period is achieved with
a capacitance (C0), place a resistor in series with the capacitor
whose value is approximately:
R
snubber ^
T
0
2
pC
0
Eqn. (10)
This should produce a snubber that does not load the circuit and
introduces a very small loss.
SL01506
SA57254-XX
VBATT
GND
FB
SW
VOUT
R
PASSIVE SNUBBER
VDD
Figure 29. Flyback converter with passive snubber.


Similar Part No. - SA57254-30GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
   Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
NXP Semiconductors
SA572D PHILIPS-SA572D Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
SA572D PHILIPS-SA572D Datasheet
125Kb / 8P
   Programmable analog compandor
October 7, 1987
logo
ON Semiconductor
SA572D ONSEMI-SA572D Datasheet
218Kb / 12P
   Programmable Analog Compandor
March, 2006 ??Rev. 2
More results

Similar Description - SA57254-30GW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
   CMOS Switching Regulator (PWM controlled)
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com