Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57254-30GW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA57254-30GW
Description  CMOS switching regulator (PWM controlled)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57254-30GW Datasheet(HTML) 4 Page - NXP Semiconductors

  SA57254-30GW Datasheet HTML 1Page - NXP Semiconductors SA57254-30GW Datasheet HTML 2Page - NXP Semiconductors SA57254-30GW Datasheet HTML 3Page - NXP Semiconductors SA57254-30GW Datasheet HTML 4Page - NXP Semiconductors SA57254-30GW Datasheet HTML 5Page - NXP Semiconductors SA57254-30GW Datasheet HTML 6Page - NXP Semiconductors SA57254-30GW Datasheet HTML 7Page - NXP Semiconductors SA57254-30GW Datasheet HTML 8Page - NXP Semiconductors SA57254-30GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Philips Semiconductors
Product data
SA57254-XX
CMOS switching regulator (PWM controlled)
2003 Nov 11
4
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
Part #
MIN.
TYP.
MAX.
UNIT
VIN
input voltage
9.0
V
VST1
operating start voltage
IOUT = 1.0 mA
0.9
V
VST2
oscillator start voltage
0.8
V
VHLD
operation hold voltage
IOUT = 1.0 mA
0.7
V
ISS1
consumption current 1
VOUT = output voltage × 0.95
-20
11.6
19.4
µA
-25
14.3
23.9
µA
-28
16.1
26.8
µA
-30
17.2
28.7
µA
-33
19.1
31.8
µA
-36
22.4
37.3
µA
-50
38.5
64.1
µA
ISS2
consumption current 2
VOUT = output voltage + 0.5 V
-20
3.1
6.2
µA
-25
3.2
6.3
µA
-28
3.2
6.4
µA
-30
3.2
6.4
µA
-33
3.3
6.5
µA
-36
3.3
6.5
µA
-50
3.5
6.9
µA
RDS(ON)
internal switch-on resistance
VSW = 0.4 V
-20
5.6
8.9
()
-25
4.1
6.5
-28
4.1
6.5
-30
3.2
5.1
-33
3.2
5.1
-36
3.2
5.1
-50
2.2
3.5
ISWO
switching transistor leak
current
VOUT = VSW = 9 V
1.0
µA
∆VOUT2
load ripple voltage
IOUT = 10 mA ≈ IOUT (following) × 1.25
30
60
mV
∆VOUT/∆Tamb output voltage temperature
coefficient
–40
°C ≤ Tamb ≤ +85 °C
±50
ppm/
°C
fOSC
oscillator frequency
VOUT = output voltage × 0.95
42.5
50
57.5
kHz
MaxDuty
maximum duty ratio
VOUT = output voltage × 0.95
75
83
90
%
tSS
soft start time
IOUT = 1.0 mA
3.0
6.0
12
ms
EFFI
efficiency
-20
75
%
-25
79
%
-28
79
%
-30
83
%
-33
83
%
-36
83
%
-50
87
%


Similar Part No. - SA57254-30GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
logo
ON Semiconductor
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
logo
NXP Semiconductors
SA572D PHILIPS-SA572D Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA572D PHILIPS-SA572D Datasheet
125Kb / 8P
Programmable analog compandor
October 7, 1987
logo
ON Semiconductor
SA572D ONSEMI-SA572D Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
More results

Similar Description - SA57254-30GW

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
CMOS Switching Regulator (PWM controlled)
logo
Hitachi Semiconductor
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
PWM Controlled Switching Regulator
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
150KHz, 3A PWM Buck Switching Regulator
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com