Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45491 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP45491
Description  26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45491 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP45491 Datasheet HTML 2Page - ON Semiconductor NCP45491 Datasheet HTML 3Page - ON Semiconductor NCP45491 Datasheet HTML 4Page - ON Semiconductor NCP45491 Datasheet HTML 5Page - ON Semiconductor NCP45491 Datasheet HTML 6Page - ON Semiconductor NCP45491 Datasheet HTML 7Page - ON Semiconductor NCP45491 Datasheet HTML 8Page - ON Semiconductor NCP45491 Datasheet HTML 9Page - ON Semiconductor NCP45491 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCP45491
www.onsemi.com
10
PACKAGE DIMENSIONS
QFN32 4x4, 0.4P
CASE 485CD
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND 0.30 MM
FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
REFERENCE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
K
D2
E2
C
C
0.10
C
0.05
C
0.05
A1
SEATING
PLANE
e
32X
NOTE 3
b
32X
C
C
A B
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
b
0.15
0.25
D
4.00 BSC
D2
2.60
2.80
E
4.00 BSC
E2
2.60
2.80
e
0.40 BSC
L
0.25
0.45
9
17
25
32X
0.40
PITCH
4.30
0.58
4.30
DIMENSIONS: MILLIMETERS
0.25
32X
1
L
A3
0.20 REF
MOUNTING FOOTPRINT
NOTE 4
A3
DETAIL B
2.80
2.80
1
PACKAGE
OUTLINE
DETAIL A
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
L1
−−−
0.15
DETAIL C
CORNER LEAD
CONSTRUCTION
K2
DETAIL C
0.10 C A B
B
0.10 C A B
B
M
0.07
M
0.05
K2
0.45 REF
K
0.30 REF
RECOMMENDED
8X
C0.08
4X
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
NCP45491/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45492XMNTWG ONSEMI-NCP45492XMNTWG Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45496 ONSEMI-NCP45496 Datasheet
272Kb / 12P
   28 V, 2-Channel Power Monitor
June, 2023 - Rev. 0
More results

Similar Description - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com