Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45491 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP45491
Description  26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45491 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP45491 Datasheet HTML 1Page - ON Semiconductor NCP45491 Datasheet HTML 2Page - ON Semiconductor NCP45491 Datasheet HTML 3Page - ON Semiconductor NCP45491 Datasheet HTML 4Page - ON Semiconductor NCP45491 Datasheet HTML 5Page - ON Semiconductor NCP45491 Datasheet HTML 6Page - ON Semiconductor NCP45491 Datasheet HTML 7Page - ON Semiconductor NCP45491 Datasheet HTML 8Page - ON Semiconductor NCP45491 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2018
August, 2018 − Rev. 2
1
Publication Order Number:
NCP45491/D
NCP45491
26V, 4-Channel Voltage Bus
and 4-Channel High-Side
Current Shunt Monitor
The NCP45491 is a high−performance monolithic IC which can be
used to monitor bus voltage and current on four high−voltage power
supplies simultaneously. The HV bus voltages and currents are
translated to a low−voltage power domain and multiplexed onto a
single differential output for measurement externally by common
ADCs. The device is configurable to operate either standalone or as a
pair, permitting up to eight separate HV power supplies to be
monitored and measured.
Features
Translates and Scales Shunt and Bus Voltages up to 26 V
Single Device Monitors Four Supplies
May Be Paired for Monitoring Up To Eight Supplies
Very Low Powerdown Current
All Channels Individually Gain Programmable by External Resistor
Selection
Fast Settling Time
Real−Time Indication of All Bus Voltages Valid
Adjustable Output Common−Mode Voltage Adapts to Most External
ADCs
Lead−Free Device
Applications
Computers/Notebooks
Graphical Cards
Power Management/Power Control Loops
Battery Chargers
Figure 1. Block Diagram
`
RSHUNT
VBUS
to load
Channel 1(of4)
Multiplexer
from Channel 2
from Channel 4
from Channel 3
Sequence
Logic
Single-ended
to Diff Amp
BS_IN1
SH_O1
DIFF_OUT_N
DIFF_OUT_P
SH_IN_P1
SH_IN_N1
GND_FET
ENABLE
BS_OK
BS_REF
BG_REF_OUT
VREF
Generator
R5
R6
`
R7
R8
CM_REF_IN
`
MUX_SEL
R1
R2
R3
R4
SKIP
MODE_SEL
www.onsemi.com
(Top View)
QFN32 4x4
CASE 485CD
1
45491
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
CCCCC = Country of Assembly
45491
ALYW
G
CCCCC
MARKING DIAGRAM
SH_IN_P1
BS_IN1
SH_IN_N2
SH_IN_P2
BS_IN2
SH_O2
NC
SH_IN_N1
BG_REF_OUT
CM_REF_IN
SH_O4
BS_REF
NC
DIFF_OUT_N
DIFF_OUT_P
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
33: GND
Device
Package
Shipping
ORDERING INFORMATION
NCP45491XMNTWG
QFN32
(Pb−Free)
4000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
PIN CONFIGURATION


Similar Part No. - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45492XMNTWG ONSEMI-NCP45492XMNTWG Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45496 ONSEMI-NCP45496 Datasheet
272Kb / 12P
28 V, 2-Channel Power Monitor
June, 2023 - Rev. 0
More results

Similar Description - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com