Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45491 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP45491
Description  26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45491 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP45491 Datasheet HTML 2Page - ON Semiconductor NCP45491 Datasheet HTML 3Page - ON Semiconductor NCP45491 Datasheet HTML 4Page - ON Semiconductor NCP45491 Datasheet HTML 5Page - ON Semiconductor NCP45491 Datasheet HTML 6Page - ON Semiconductor NCP45491 Datasheet HTML 7Page - ON Semiconductor NCP45491 Datasheet HTML 8Page - ON Semiconductor NCP45491 Datasheet HTML 9Page - ON Semiconductor NCP45491 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP45491
www.onsemi.com
9
AUXILIARY FUNCTIONS
Bus Comparator (BS_OK)
A real−time indication that VCC and all bus voltages (as
measured on the BS_INx pins) are valid is provided on the
BS_OK pin. BS_OK remains low until all used BS_INx
pins are above a user−defined threshold voltage. The
threshold voltage for the valid condition of BS_INx pins is
set by the voltage provided to the BS_REF pin and must be
less than 0.2 V. This can be done via an external resistor
divider and the bandgap reference. If desired, the user can
use the SKIP pin to modify the logic as shown in the
corresponding table (H=high, L=low, Z=tristate, X=don’t
care). The SKIP pin can also be used to hold BS_OK = L in
the absence of VCC.
Reset/Timeout
Normal operation can be interrupted and device returned
to standby mode by holding the MUX_SEL pin HIGH or
LOW longer than the reset period TRP.
Bandgap Reference
The BG_REF_OUT pin provides a high−accuracy
voltage from which BS_REF and CM_REF_IN voltages
can be supplied via external voltage dividers.
Ground FET
The GND_FET pin is a switch that connects the bus
voltage dividers to ground. In order that these voltage
dividers not consume current when not needed (as in device
shutdown), a low−impedance open−drain FET disconnects
the low−side of these resistor dividers when the EN pin is at
a logic HIGH level.
Enable Function
The EN pin controls device operation according to the
corresponding table.
Mode Select Function
The MODE_SEL pin controls multiplexer operation
according
to
the
corresponding
table.
Note
that
MODE_SEL is left floating in stand−alone operation.
Reduced Channel Count
If an application requires less than 4 channels, then pins
for unused channels must be connected in the following
manner for correct operation of the BS_OK output.
PINS for Unused Channels
Connection
BS_INx
Connect to BS_IN pin of
previous channel
SH_Ox
Float
SH_IN_Px
Connect to VCC voltage or
higher
SH_IN_Nx
Connect to VCC voltage or
higher
Note: “x” refers to the unused channel number
Connecting the SH_IN_Px and SH_IN_Nx pins for
unused channels to the respective SH_IN_Px and
SH_IN_Nx of previous active channels is an acceptable way
to provide the bias voltages needed. If the SH_Ox pin is left
floating, then that channel and all subsequent channels will
be skipped in the DIFF_OUT readout. For example, if
SH_O3 is left floating, SH_O3 and SH_O4 will be
bypassed. If devices are in paired mode, the number of
unused channels on both devices must be matched.
However, bus voltage on those unused channels (as
measured on the BS_INx pins) will still be compared to the
BS_REF voltage and included in the BS_OK output logic.
If SKIP = 0 V, then the BS_INx voltages are ignored. In this
case the unused BS_INx pins can be tied to any voltage less
than VCC.
SKIP Logic
EN
VCC
BS_INx
SKIP
BS_OK
X
Z(unpowered)
X
H
L
X
L (POR)
X
X
L
H
X
X
X
L
Z/L
H
L
H
L
Z/L
H
H
H
H (open drain)
Z/L
H
X
L
H (open drain)
EN Logic
Level
Device Operation
LOW
Fully Functional
Tri−state
(floating)
Limited Function: BG_REF_OUT is valid,
GND_FET is turned ON, BS_OK comparators
and output are functional. All other functions to
be disabled. DIFF_OUT to be Hi−Z and multi-
plexer select logic is held in reset.
HIGH
Standby: As described in Limited Function
above with GND_FET turned OFF
MODE_SEL Logic
Level
Multiplexer Operation
LOW
Device A
Tri−state (floating)
Stand−Alone
HIGH
Device B


Similar Part No. - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45492XMNTWG ONSEMI-NCP45492XMNTWG Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45496 ONSEMI-NCP45496 Datasheet
272Kb / 12P
   28 V, 2-Channel Power Monitor
June, 2023 - Rev. 0
More results

Similar Description - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com