Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP45491 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP45491
Description  26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45491 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP45491 Datasheet HTML 2Page - ON Semiconductor NCP45491 Datasheet HTML 3Page - ON Semiconductor NCP45491 Datasheet HTML 4Page - ON Semiconductor NCP45491 Datasheet HTML 5Page - ON Semiconductor NCP45491 Datasheet HTML 6Page - ON Semiconductor NCP45491 Datasheet HTML 7Page - ON Semiconductor NCP45491 Datasheet HTML 8Page - ON Semiconductor NCP45491 Datasheet HTML 9Page - ON Semiconductor NCP45491 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP45491
www.onsemi.com
6
APPLICATIONS DIAGRAMS
Figure 2. Stand Alone Device Operation
SH_IN_Nx
SH_IN_Px
BS_INx
GND_FET
SH_Ox
GND
To Load
VBUS
SKIP
BS_OK
DIFF_OUT_P
DIFF_OUT_N
Differential
to ADC
Pull to 3.3V or 0V
to set SKIP logic
100k
Ω
+3.3V
NCP45491
Figure 3. Stand Alone Timing Characteristics
MUX_SEL
EN
Diff. Out
Ch 1 BV
Ch 1 SC
Ch 2 BV
Ch 2 SC
Ch 3 BV
Ch 3 SC
Ch 4 BV
Ch 4 SC
Ch 1 BV
Ch 1 SC
MODE_SEL
VCC
Hi-Z
Power-Up Time
14.75us < Td < 24.29us
Hi-Z


Similar Part No. - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45492XMNTWG ONSEMI-NCP45492XMNTWG Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
NCP45496 ONSEMI-NCP45496 Datasheet
272Kb / 12P
   28 V, 2-Channel Power Monitor
June, 2023 - Rev. 0
More results

Similar Description - NCP45491

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com