Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50SA-133 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50SA-133
Description  SOLID-STATE SWITCH ASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50SA-133 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50SA-133_18 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOLID-STATE SWITCH ASSEMBLY
SPECIFICATION SHEET
JFW MODEL 50SA-133
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
50-2200 MHz
Configuration
1P8T self-terminating solid-state RF switch
Enclosure Type
19 inch rack mount @ 1RU high
Startup/Default States
(configurable)
RF switch off at startup (see SWITCH command)
DHCP enabled (see NET command)
4 Ethernet users (see NET command)
Prompts off (see PROMPT command)
Impedance
50 Ohms nominal
VSWR
1.5:1 maximum
Insertion Loss
4.5 dB maximum
Isolation
50 dB minimum
RF Input Power
+20 dBm
Switching Speed
10 microseconds
(after command is received and processed)
(3 milliseconds typical processing time)
Control
Ethernet (DHCP, TCP/IP, 10/100, up to 12 users)
RS-232 (up to 115200 Baud)
Remote Command Format
RF Switch Control Commands:
Switch, Set Switch, Read Switch
System Commands:
Help, Identification, Store, Recall, Pause, Net,
Serial, Close, Disconnect, MOTD, Date, Message,
Restrict, IDENT, Name, Show Users, Reboot, Uptime,
Prompt
Indicators
LED's on front panel denote active port
AC Supply
100-240 VAC @ 47-63 Hz
2 Amp 5x20mm "Slo-Blo" AC fuse
Littelfuse #215-002, JFW #025-021
Control Connector
RJ-45
RF Connectors
SMA female or BNC female
Operating Temperature Range
0º to +65ºC
Physical Size
See outline drawing 092-4863 (BNC)
092-5285 (SMA)
07/15/2005
BAC 07/15/2005
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
13146
08/07/2006
A
BAC 08/07/2006
13698
12/20/2006
B
BAC 12/20/2006
16179
08/07/2008
D
TRS 08/07/2008
15916
05/28/2008
C
TRS 05/28/2008
24759
12/03/2014
E
TRS 12/03/2014
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50SA-133_18

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50SA-133 JFW-50SA-133 Datasheet
26Kb / 1P
SOLID-STATE SWITCH ASSEMBLY
More results

Similar Description - 50SA-133_18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS443A ETC-SS443A Datasheet
88Kb / 1P
SOLID STATE SWITCH
SS466A ETC-SS466A Datasheet
85Kb / 1P
SOLID STATE SWITCH
logo
JFW Industries, Inc.
50SA-133 JFW-50SA-133 Datasheet
26Kb / 1P
SOLID-STATE SWITCH ASSEMBLY
logo
List of Unclassifed Man...
VX80 ETC2-VX80 Datasheet
348Kb / 8P
SWITCH - SOLID STATE
logo
Sirectifier Semiconduct...
SSAC90GKXX SIRECTIFIER-SSAC90GKXX Datasheet
224Kb / 4P
Solid State AC Switch
SSAC100GKXX SIRECTIFIER-SSAC100GKXX Datasheet
216Kb / 4P
Solid State AC Switch
logo
JFW Industries, Inc.
50SA-508 JFW-50SA-508 Datasheet
30Kb / 2P
SOLID-STATE SWITCH ASSEMBLY
50SA-509 JFW-50SA-509 Datasheet
27Kb / 1P
SOLID-STATE SWITCH ASSEMBLY
75SA-053 JFW-75SA-053 Datasheet
31Kb / 2P
SOLID-STATE SWITCH ASSEMBLY
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
Solid state switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com