Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-1600-31 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # PA-1600-31
Description  Universal AC Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

PA-1600-31 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  PA-1600-31 Datasheet HTML 1Page - Lite-On Technology Corporation PA-1600-31 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ClassⅡ 63W LED Controlgear : PA-1600-31 Series
Performance Curves
Notes :
(1) experimental instruments :
AC Source : Chroma 61604 / Power Analyzer : Chroma 6630 / Electrical LED Load : Prodigit 3312F / Oscilloscope : Tektronix TDS3014C / Multimeter : Fluke 287
(2) all above curves are measured under 25℃ ambient
(3) all above curves are only for design reference
Revised on 2015.03.26
www.liteon.com
(SL) Ver. G
• PF>0.9 & THD<20% Operating Range (277Vac/60Hz Input)
• PF>0.9 & THD<20% Operating Range (120Vac/60Hz Input)
• PF>0.9 & THD<20% Operating Range (240Vac/50Hz Input)
• Power Factor (PF / Output Power)
• THD (THD / Output Power)
• Efficiency (Eff. / Output Power)
• Output Current Tolerance (Tolerance / Output Power)
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
PF
120Vac
240Vac
277Vac
Output power(%)
PF
0.00%
2.00%
4.00%
6.00%
8.00%
10.00%
12.00%
14.00%
16.00%
18.00%
20.00%
THD
120Vac
240Vac
277Vac
THD
Output power(%)
80.00%
82.00%
84.00%
86.00%
88.00%
90.00%
92.00%
Efficiency
120Vac
240Vac
277Vac
Output power(%)
Eff.
-5.00%
-3.00%
-1.00%
1.00%
3.00%
5.00%
Output Current Tolerance
120Vac
240Vac
277Vac
Tolerance
Output power(%)
20
30
40
50
60
70
80
90
100
50
150
250
350
450
550
650
750
Output Current (mA)
PF>0.9、THD<20% Operating Range
700mA
90V
155mA
90V
420mA
35V
700mA
35V
Input : 240VAC/50Hz
20
30
40
50
60
70
80
90
100
50
150
250
350
450
550
650
750
Output Current (mA)
PF>0.9、THD<20% Operating Range
105mA
90V
700mA
90V
270mA
35V
700mA
35V
Input : 120VAC/60Hz
20
30
40
50
60
70
80
90
100
50
150
250
350
450
550
650
750
Output Current (mA)
PF>0.9、THD<20% Operating Range
260mA
90V
700mA
90V
700mA
35V
Input : 277VAC/60Hz
670mA
35V


Similar Part No. - PA-1600-31

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1600-32 LITEON-PA-1600-32 Datasheet
546Kb / 2P
Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
Universal AC Input
More results

Similar Description - PA-1600-31

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
Universal AC Input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
Universal AC Input
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
Universal AC Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com