Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-1600-31 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # PA-1600-31
Description  Universal AC Input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

PA-1600-31 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  PA-1600-31 Datasheet HTML 1Page - Lite-On Technology Corporation PA-1600-31 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ClassⅡ 63W LED Controlgear : PA-1600-31 Series
Product Features
• Universal AC Input
• High Power Factor
• Low Total Harmonic Distortion
• Short Circuit / Open Circuit / Over Voltage / Over Temperature Protections
• Suitable for Dry & Damp Location
• Adjustable Output Current by Dimming Input
• RoHS Compliant
AC Input / DC Output
EMC
• AC Input Voltage
100 ~ 305Vac (110 ~ 277Vac)
• EMI
• AC Input Frequency
47 ~ 63Hz (50~60Hz)
• Max. Input Current @ 110Vac (60Hz)
1.0A
• Min. PF @ 230Vac (50Hz) / 90V Output
0.95
• Min. PF @ 230Vac (50Hz) / 63V Output (70% load)
0.92
• Min. PF @ 277Vac (60Hz) / Output > 27W
0.9
• Max. THD @ 110~277Vac / Output > 27W
20%
• Min. Eff. @ 220Vac (50Hz) / 90V Output
90%
• Turn On Delay Time
<1 second
• DC Output Current
700mA
• Line Regulation
±3%
• Load Regulation
±5%
• DC Output Voltage Range
35 ~ 90V
• Ripple Current
±20%
• DC Output Isolation
yes
Operating Environments / Reliability
Mechanical
• Operating Temperature / Humidity
-40 ~ 60℃ / 10 ~ 95% RH
• AC Input Terminal
170mm / black(L) & white(N) color / UL1316
• Storage Temperature / Humidity
-40 ~ 80℃ / 10 ~ 95% RH
• DC Output Terminal
170mm / red(DC +) & blue(DC -) color / UL1316
• Vibration (with shipping container)
1.146Grms / 5~200Hz / six sides
• Dimming Input Terminal
170mm / purple(dim +) & gray(dim -) color / UL1316
30 minutes / side
• Weight (typ.)
700g
• Vibration (operation)
6Grms / 10~1000Hz / X/Y/Z axis
169mm(L) * 70.2mm(W) * 34mm(H)
15 minutes / axis
• MTBF (Note 3)
50,000 Hrs while Tc≦75℃
100,000 Hrs while Tc≦65
• Tc
85℃
• Cooling
free air convection
• Sound Level
meet Class A sound rating
Protections
• OVP or Open Circuit
auto recovery, 125V max.
• SCP
auto recovery
• OTP
Output power decrease
Safety / Certifications
Dimming Input
• Hi Pot (AC I/P to Case)
3750Vac / 10mA / 60Sec.
• Support 2 in 1 Dimming Function
• Hi Pot (AC I/P to O/P)
3750Vac / 10mA / 60Sec.
• Resistor Dimming Range (10~100K)
• Insulation (AC I/P to O/P)
>20M
Ω , 500Vdc
• Voltage Dimming Range (1~10V)
• Complied with UL8750, 1st Edition
• Resistor Dimming Reference Table
• Complied with UL60950-1, 2nd Edition
Resistor Dimming
75K
Ω ±1%
43K
Ω ±1%
• Complied with CSA C22.2
Output Current
530mA
330mA
• Complied with IEC 61347-2-13:2006
Tolerance
±10%
±10%
• Complied with IEC 61347-1(Second Edition):2007+A1:2010
• Voltage Dimming Reference Table
• Complied with IEC 62384:2006(1 Edition)
Voltage Dimming
7.5V
5V
Output Current
530mA
350mA
Tolerance
±10%
±10%
Notes :
(1) above definition is based on 25℃ ambient if not specified
(2) this LED driver is designed and intended for operating with LED load only
(3) MTBF evaluation is based on SR-332 method, 115Vac/60Hz, max load
(4) to measure efficiency after burn-in 30 minutes with full output load
(5) recommend to install the controlgear inside the enclosure
Revised on 2015.03.26
www.liteon.com
(SL) Ver. G
EN61000-4-6
0.15MHz ~ 80MHZ, 3V, 80% AM (1KHz)
EN61000-4-11
30%, 25 cycles voltage reduction
100%, 0.5 cycles voltage reduction
• Outline Dimension
±4KV (Com.), ±4KV (Dif.)
FCC Class A
EN61000-3-2
EN61000-3-3
EN61000-4-2
±4KV (Contact),±8KV (Air)
EN61000-4-3
80MHz ~ 1GHz, 3V/m, 80% AM (1KHz)
EN61000-4-4
±1KV for AC power line, ±0.5KV for DC / signal line
EN61000-4-5
• Lighting Surge
• CS Immunity Test
• Voltage Dips & Short Interruptions
• Harmonic Current Emissions
• Voltage Fluctuations & Flicker
• Electrostatic Discharge (ESD)
• RS Immunity Test
• Electrical Fast Transient


Similar Part No. - PA-1600-31

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1600-32 LITEON-PA-1600-32 Datasheet
546Kb / 2P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
More results

Similar Description - PA-1600-31

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
logo
Emerson Network Power
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
   Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
   Universal AC input
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
   Universal AC Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com