Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SF12832 Datasheet(PDF) 15 Page - Integrated Silicon Solution, Inc

Part # IS61SF12832
Description  128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SF12832 Datasheet(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button IS61SF12832 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 16Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
IS61SF12832
IS61SF12836
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
15
Rev. A
04/17/01
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Frequency
Order Part Number
Package
7.5
IS61SF12832-7.5TQ
TQFP
IS61SF12832-7.5B
PBGA
8
IS61SF12832-8TQ
TQFP
IS61SF12832-8B
PBGA
8.5
IS61SF12832-8.5TQ
TQFP
IS61SF12832-8.5B
PBGA
10
IS61SF12832-10TQ
TQFP
IS61SF12832-10B
PBGA
12
IS61SF12832-12TQ
TQFP
IS61SF12832-12B
PBGA
Industrial Range: –40°C to +85°C
Frequency
Order Part Number
Package
8
IS61SF12832-8TQI
TQFP
8.5
IS61SF12832-8.5TQI
TQFP
10
IS61SF12832-10TQI
TQFP
12
IS61SF12832-12TQI
TQFP


Similar Part No. - IS61SF12832

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10B ISSI-IS61SF25616-10B Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10TQ ISSI-IS61SF25616-10TQ Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10TQI ISSI-IS61SF25616-10TQI Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-12B ISSI-IS61SF25616-12B Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61SF12832

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com