Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SF12832 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61SF12832
Description  128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SF12832 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61SF12832 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IS61SF12832
IS61SF12836
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. A
04/17/01
WRITE CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
7.5
8
8.5
10
12
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tKC(1)
Cycle Time
8.5
10
11
15
15
ns
tKH(1)
Clock High Time
3
4
4.5
4.5
4.5
ns
tKL(1)
Clock Low Time
3
4
4.5
4.5
4.5
ns
tAS(1)
Address Setup Time
2
2
2
2
4
ns
tSS(1)
Address Status Setup Time
2
2
2
2
4
ns
tWS(1)
Write Setup Time
2
2
2
2
4
ns
tDS(1)
Data In Setup Time
2
2
2
2
4
ns
tCES(1)
Chip Enable Setup Time
2
2
2
2
4
ns
tAVS(1)
Address Advance Setup Time
2
2
2
2
4
ns
tAH(1)
Address Hold Time
0.5
0.5
0.5
0.5
1.5
ns
tSH(1)
Address Status Hold Time
0.5
0.5
0.5
0.5
1.5
ns
tDH(1)
Data In Hold Time
0.5
0.5
0.5
0.5
1.5
ns
tWH(1)
Write Hold Time
0.5
0.5
0.5
0.5
1.5
ns
tCEH(1)
Chip Enable Hold Time
0.5
0.5
0.5
0.5
1.5
ns
tAVH(1)
Address Advance Hold Time
0.5
0.5
0.5
0.5
1.5
ns
Notes:
1. Tested with load in Figure 1.


Similar Part No. - IS61SF12832

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10B ISSI-IS61SF25616-10B Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10TQ ISSI-IS61SF25616-10TQ Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10TQI ISSI-IS61SF25616-10TQI Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-12B ISSI-IS61SF25616-12B Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61SF12832

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com