Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SF12832 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61SF12832
Description  128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SF12832 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61SF12832 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SF12832 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IS61SF12832
IS61SF12836
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
04/17/01
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
FEATURES
• Fast access times: 7.5 ns, 8 ns, 8.5 ns, 10 ns,
and 12 ns
• Internal self-timed write cycle
• Individual Byte Write Control and Global Write
• Clock controlled, registered address, data
inputs and control signals
• Pentium™ or linear burst sequence control
using MODE input
• Three chip enables for simple depth expansion
and address pipelining
• Common data inputs and data outputs
• JEDEC 100-Pin TQFP and
119-pin PBGA package
• Single +3.3V +10%, –5% power supply
• Power-down snooze mode
DESCRIPTION
The
ISSI IS61SF12832 and IS61SF12836 are high-speed
synchronous static RAM designed to provide a burstable,
high-performance memory for high speed networking and
communication applications.
It is organized as 131,072
words by 32 bits or 36 bits, fabricated with
ISSI's advanced
CMOS technology. The device integrates a 2-bit burst counter,
high-speed SRAM core, and high-drive capability outputs into
a single monolithic circuit. All synchronous inputs pass
through registers controlled by a positive-edge-triggered
single clock input.
Write cycles are internally self-timed and are initiated by the
rising edge of the clock input. Write cycles can be from one to
four bytes wide as controlled by the write control inputs.
Separate byte enables allow individual bytes to be written.
BW1 controls DQa, BW2 controls DQb, BW3 controls DQc,
BW4 controls DQd, conditioned by BWE being LOW. A LOW
on
GW input would cause all bytes to be written.
Bursts can be initiated with either
ADSP (Address Status
Processor) or
ADSC (Address Status Cache Controller) input
pins. Subsequent burst addresses can be generated internally
and controlled by the
ADV (burst address advance) input pin.
The mode pin is used to select the burst sequence order,
Linear burst is achieved when this pin is tied LOW. Interleave
burst is achieved when this pin is tied HIGH or left floating.
128K x 32, 128K x 36 SYNCHRONOUS
FLOW-THROUGH STATIC RAM
APRIL 2001
FAST ACCESS TIME
Symbol
Parameter
7.5
8
8.5
10
12
Units
tKQ
Clock Access Time
7.5
8
8.5
10
12
ns
tKC
Cycle Time
8.5
10
11
15
15
ns
Frequency
117
100
90
66
66
MHz


Similar Part No. - IS61SF12832

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF25616 ISSI-IS61SF25616 Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10B ISSI-IS61SF25616-10B Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10TQ ISSI-IS61SF25616-10TQ Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-10TQI ISSI-IS61SF25616-10TQI Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF25616-12B ISSI-IS61SF25616-12B Datasheet
109Kb / 16P
   256K x 16, 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61SF12832

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com