Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-4 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6752-4
Description  Comparator Family with Rail-to-Rail Inputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752-4 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6752-4 Datasheet HTML 18Page - Analog Devices LTC6752-4 Datasheet HTML 19Page - Analog Devices LTC6752-4 Datasheet HTML 20Page - Analog Devices LTC6752-4 Datasheet HTML 21Page - Analog Devices LTC6752-4 Datasheet HTML 22Page - Analog Devices LTC6752-4 Datasheet HTML 23Page - Analog Devices LTC6752-4 Datasheet HTML 24Page - Analog Devices LTC6752-4 Datasheet HTML 25Page - Analog Devices LTC6752-4 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
22
6752fc
For more information www.linear.com/LTC6752
Typical applicaTions
High Speed Clock Restoration/Level Translation
Circuit
High speed comparators are often used in digital systems
to recover distorted clock waveforms. The separate input/
output supplies feature of the LTC6752-2 allows it to be
used in applications where signals need to be shifted from
onevoltagedomaintoanother.Figure8showsacircuitthat
can perform both recovery and level translation functions.
In this application, the input clock signal comes from a
source operating from 5V, and the signal is required to
driveareceiveroperatingon1.8V.The5Vinputsupply/1.8V
outputsupplyfeatureofthispartisidealforsuchasituation.
If the input signal gets distorted and its amplitude severely
reduced due to stray capacitance, stray inductance or due
to reflections on the transmission line, the LTC6752-2 can
be used to convert it into a full scale digital output signal
that can drive the receiver.
Figure 9 shows the input and output waveforms of the
LTC6752-2,usedtorecoveradistorted150mVP-P200MHz
signal at a common mode of 2.5V with respect to its nega-
tivesupply,intoafullscale1.8Voutputsignal.AC-coupling
could have been used at the input of the comparator, how-
ever to preserve input duty cycle information DC-coupling
may be preferable, and that is where having a wide input
common mode range is an advantage.
Optical Receiver Circuit
The LTC6752, along with a high speed high performance
FET input operational amplifier like the LTC6268, can be
usedtoimplementanopticalreceiverasshowninFigure10.
Figure 11 shows the output of the LTC6268 driving the –IN
pin of the LTC6752-2, the +IN pin of the LTC6752-2, and
the LTC6752-2 output. The photodiode is being driven by
a light source of sinusoidally varying intensity.
Figure 10. Optical Receiver Circuit
Figure 9
VOUT, 500mV/DIV
VIN, 50mV/DIV
2ns/DIV
6752 F09
VREF
3.3V
3.3V
3.3V
3.3V
5.49k
20k
+
LTC6268
0V TO 3.3VOUT
1k
6752 F10
+
VCC
LTC6752-2
VDD
VEE
LE/HYST
SHDN
Q
4.53k
0.1µF
0.1µF
47.6k
FCI-125
1k
Figure 8. High Speed Clock Restoration/Level
Translation/Level Shifting Circuit
+
VCC
VDD
VEE + 1.8V
VEE
VEE + 1.8V
VEE + 5V
6752 F08
200MHz
CLOCK
SIGNAL
ATTENUATED
150mVP-P
200MHz,
VCM = 2.5V
~1.8VP-P
200MHz,
CLOCK
SIGNAL
LONG
TRACE
VEE
VREF = VEE + 2.5V
CLOCK/DATA
RECEIVER
LTC6752-2
VEE
CLOCK/DATA
SOURCE


Similar Part No. - LTC6752-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-4 LINER-LTC6752-4 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752-4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
Linear Dimensions Semic...
LND5432HT LINEAR_DIMENSIONS-LND5432HT Datasheet
124Kb / 1P
Temperature-Insensitive Comparator with Rail-to-Rail
logo
Linear Technology
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Linear Technology
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com