Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-4 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC6752-4
Description  Comparator Family with Rail-to-Rail Inputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752-4 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC6752-4 Datasheet HTML 11Page - Analog Devices LTC6752-4 Datasheet HTML 12Page - Analog Devices LTC6752-4 Datasheet HTML 13Page - Analog Devices LTC6752-4 Datasheet HTML 14Page - Analog Devices LTC6752-4 Datasheet HTML 15Page - Analog Devices LTC6752-4 Datasheet HTML 16Page - Analog Devices LTC6752-4 Datasheet HTML 17Page - Analog Devices LTC6752-4 Datasheet HTML 18Page - Analog Devices LTC6752-4 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
15
6752fc
For more information www.linear.com/LTC6752
pin FuncTions
+IN: Positive Input of the Comparator. The voltage range
of this pin can go from VEE to VCC.
–IN: Negative Input of the Comparator. The voltage range
of this pin can go from VEE to VCC.
VCC:PositiveSupplyVoltagefortheLTC6752/LTC6752-1,
Positive Supply Voltage for the Input Stage of the
LTC6752-2/LTC6752-3/LTC6752-4.
VDD: Positive Supply Voltage for the Output Stage of the
LTC6752-2/LTC6752-3/LTC6752-4. Typically the voltage
is from 1.71V to 3.5V. See the section High Speed Board
Design Techniques for proper power supply layout and
bypassing.
VEE: Negative power supply, normally tied to ground. This
can be tied to a voltage other than ground as long as the
constraints for total supply voltage relative to VCC (and
VDD for separate supply operation) are maintained.
SHDN: Active low comparator shutdown, threshold is
0.6V above VEE. The comparator is enabled when this pin
is left unconnected.
LE/HYST: This pin allows the user to adjust the compara-
tor’s hysteresis as well as latch the output state if the pin
voltage is taken within 300mV above VEE. Hysteresis can
be increased or disabled by voltage, current or a resistor
to VEE. Leaving the pin unconnected results in a typical
hysteresis of 5mV.
Q: Comparator Output. Q is driven high when +IN > –IN
and driven low when +IN < –IN.
Q: Comparator Complementary Output (Available on
LTC6752-3 Only). Logical inversion of Q.


Similar Part No. - LTC6752-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-4 LINER-LTC6752-4 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752-4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
Linear Dimensions Semic...
LND5432HT LINEAR_DIMENSIONS-LND5432HT Datasheet
124Kb / 1P
Temperature-Insensitive Comparator with Rail-to-Rail
logo
Linear Technology
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Linear Technology
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com