Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-4 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6752-4
Description  Comparator Family with Rail-to-Rail Inputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752-4 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6752-4 Datasheet HTML 2Page - Analog Devices LTC6752-4 Datasheet HTML 3Page - Analog Devices LTC6752-4 Datasheet HTML 4Page - Analog Devices LTC6752-4 Datasheet HTML 5Page - Analog Devices LTC6752-4 Datasheet HTML 6Page - Analog Devices LTC6752-4 Datasheet HTML 7Page - Analog Devices LTC6752-4 Datasheet HTML 8Page - Analog Devices LTC6752-4 Datasheet HTML 9Page - Analog Devices LTC6752-4 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
6
6752fc
For more information www.linear.com/LTC6752
elecTrical characTerisTics (V
CC = 3.3V, VDD = 3.3V, VEE = 0). The l denotes the specifications which
apply over the specified temperature range, otherwise specifications are at TA = 25°C. LE/HYST, SHDN pins floating, CL = 5pF,
VOVERDRIVE = 50mV, –IN = VCM = 300mV, +IN = –IN + VOVERDRIVE, 150mV step size unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR_
LVCM
Common Mode Input Range, Low VCM
Region
VCM = VEE – 0.2V to VCC – 1.5V
l
52
48
70
dB
dB
CMRR_FR
Common Mode Rejection Ratio (Measured at
Extreme Ends of VCMR)
VCM = VEE – 0.2V to VCC + 0.1V
l
50
46
66
dB
dB
PSRR_VCC
Input Power Supply Rejection Ratio
VCM = 0.3V, VDD = 3.3V,VCC Varied from 2.45V
to 5.25V (LTC6752-2/LTC6752-3/LTC6752-4)
l
59
57
75
dB
Total Power Supply Rejection Ratio
VCM = 0.3V,VCC Varied from 2.45V to 3.5V
(LTC6752/LTC6752-1)
l
53
51
73
dB
dB
PSRR_VDD
Output Power Supply Rejection Ratio
VCM = 0.3V, VDD Varied from 1.71V to 3.5V
(LTC6752-2/LTC6752-3/LTC6752-4)
l
56
51
71
dB
dB
AVOL
Open Loop Gain
LTC6752-1/LTC6752-2/LTC6752-3,Hysteresis
Removed (Note 12)
7000
V/V
VOH
Output High Voltage (Amount Below VDD
(LTC6752-2/LTC5752-3/LTC6752-4), VCC
(LTC6752/LTC6752-1))
ISOURCE = 8mA
l
81
200
300
mV
mV
VOL
Output Low Voltage (Referred to VEE)
ISINK = 8mA
l
155
320
350
mV
mV
ISC
Output Short-Circuit Current
Source
l
35
30
70
mA
mA
Sink
l
20
15
39
mA
mA
IVCC
VCC Supply Current, Device On
LTC6752/LTC6752-1
l
4.8
5.8
6.2
mA
mA
LTC6752-2/LTC6752-3/LTC6752-4
l
1.9
2.35
2.55
mA
mA
IVDD
VDD Supply Current, Device On
LTC6752-2/LTC6752-4
l
2.9
3.45
3.65
mA
mA
LTC6752-3
l
4.75
5.35
5.75
mA
mA
ITOTAL
Total Supply Current, Device On
LTC6752/LTC6752-1/LTC6752-2/LTC6752-4
l
4.8
5.8
6.2
mA
mA
LTC6752-3
l
6.6
7.7
8.3
mA
mA
tR, tF
Rise/Fall Time
10% to 90%
1.35
ns
tPD
Propagation Delay (Note 8)
VOVERDRIVE = 50mV
l
3.00
5
5.5
ns
ns
tSKEW
Propagation Delay Skew, Rising to Falling
Transition (Note 9)
600
ps
tODD
Overdrive Dispersion (Note 8)
Overdrive Varied from 10mV to 125mV
1.8
ns
tCMD
Common Mode Dispersion
VCM Varied from VEE—0.2V to VCC + 0.1V
240
ps
TR
Toggle Rate (Note 11)
100mVP-P Input
215
MHz
tJITTER
RMS jitter
VIN = 100mVP-P, fIN = 100MHz,
Jitter BW = 10Hz – 50MHz
fIN = 61.44MHz, Jitter BW = 10Hz – 30.72MHz
fIN = 10MHz, Jitter BW = 10Hz – 5MHz
4.8
5.8
29
ps
ps
ps


Similar Part No. - LTC6752-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-4 LINER-LTC6752-4 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
logo
Linear Dimensions Semic...
LND5432HT LINEAR_DIMENSIONS-LND5432HT Datasheet
124Kb / 1P
Temperature-Insensitive Comparator with Rail-to-Rail
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com