Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC6752
Description  Comparator Family with Rail-to-Rail Inputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 22Page - Analog Devices LTC6752 Datasheet HTML 23Page - Analog Devices LTC6752 Datasheet HTML 24Page - Analog Devices LTC6752 Datasheet HTML 25Page - Analog Devices LTC6752 Datasheet HTML 26Page - Analog Devices LTC6752 Datasheet HTML 27Page - Analog Devices LTC6752 Datasheet HTML 28Page - Analog Devices LTC6752 Datasheet HTML 29Page - Analog Devices LTC6752 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
27
6752fc
For more information www.linear.com/LTC6752
1.15 – 1.35
(NOTE 4)
1.80 – 2.40
0.15 – 0.30
6 PLCS (NOTE 3)
SC6 SC70 1205 REV B
1.80 – 2.20
(NOTE 4)
0.65 BSC
PIN 1
0.80 – 1.00
1.00 MAX
0.00 – 0.10
REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. DETAILS OF THE PIN 1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE INDEX AREA
7. EIAJ PACKAGE REFERENCE IS EIAJ SC-70
8. JEDEC PACKAGE REFERENCE IS MO-203 VARIATION AB
2.8 BSC
0.47
MAX
0.65
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.8 REF
1.00 REF
INDEX AREA
(NOTE 6)
0.10 – 0.18
(NOTE 3)
0.26 – 0.46
GAUGE PLANE
0.15 BSC
0.10 – 0.40
SC6 Package
6-Lead Plastic SC70
(Reference LTC DWG # 05-08-1638 Rev B)
package DescripTion
Please refer to http://www.linear.com/product/LTC6752#packaging for the most recent package drawings.


Similar Part No. - LTC6752

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
logo
Linear Technology
LTC6752-1 LINER-LTC6752-1 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
Linear Dimensions Semic...
LND5432HT LINEAR_DIMENSIONS-LND5432HT Datasheet
124Kb / 1P
Temperature-Insensitive Comparator with Rail-to-Rail
logo
Linear Technology
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Linear Technology
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com