Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S15900SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2S15900SP
Description  2ch Electronic Volume with Surround
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15900SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2S15900SP Datasheet HTML 1Page - Renesas Technology Corp R2S15900SP Datasheet HTML 2Page - Renesas Technology Corp R2S15900SP Datasheet HTML 3Page - Renesas Technology Corp R2S15900SP Datasheet HTML 4Page - Renesas Technology Corp R2S15900SP Datasheet HTML 5Page - Renesas Technology Corp R2S15900SP Datasheet HTML 6Page - Renesas Technology Corp R2S15900SP Datasheet HTML 7Page - Renesas Technology Corp R2S15900SP Datasheet HTML 8Page - Renesas Technology Corp R2S15900SP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R2S15900SP
Rev.1.3 May 30, 2005 page 2 of 8
Block Diagram and Pin Configuration
REFIN
INL1
INL2
INL3
TREL
BASSL1
BASSL2
VCC
INR1
INR2
INR3
TRER
BASSR1
BASSR2
ROUT
LOUT
GND
SCL
SDA
RECL1
(INL4)
RECL2
(INL5)
PSEUDO
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
18
17
11
12
RECR1
(INR4)
RECR2
(INR5)
I C-BUS I/F
Mode Selector
Mode Selector
Input
Selector
Pseudo
Stereo
and
Surround
REF
Rch Volume
Lch Volume
0
-84dB,
Input
Selector
Output
Gain
Control
Output
Gain
Control
2dB
Rext
Cext
13
14
NC
NC
16
15
De - pop
+
-
-
to
-
2dB
-
0
-84dB,
to
-
+
+
2
(Top view)


Similar Part No. - R2S15900SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
More results

Similar Description - R2S15900SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
   5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
   2ch Electronic Volume
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com