Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2S15900SP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2S15900SP
Description  2ch Electronic Volume with Surround
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15900SP Datasheet(HTML) 7 Page - Renesas Technology Corp

  R2S15900SP Datasheet HTML 1Page - Renesas Technology Corp R2S15900SP Datasheet HTML 2Page - Renesas Technology Corp R2S15900SP Datasheet HTML 3Page - Renesas Technology Corp R2S15900SP Datasheet HTML 4Page - Renesas Technology Corp R2S15900SP Datasheet HTML 5Page - Renesas Technology Corp R2S15900SP Datasheet HTML 6Page - Renesas Technology Corp R2S15900SP Datasheet HTML 7Page - Renesas Technology Corp R2S15900SP Datasheet HTML 8Page - Renesas Technology Corp R2S15900SP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
R2S15900SP
Rev.1.3 May 30, 2005 page 7 of 8
I
2C Bus Format
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Sub Address
A
Data
A
P
1 bit
8bit
1 bit
8bit
1 bit
8bit
1 bit
1bit
S: Starting Term
A: Acknowledge Bit
P: Stop Term
If more than one Data Byte is transmitted, then the significant SUB ADDRESS bits are auto incremented.
00H
→ 01H → 02H → 03H → 04H → 00H
1. Slave Address
MSB
LSB
1
0
0
0
0
0
1
R/WB
R/WB = 0: Write mode for register setting
R/WB = 1: Not available
2. Sub Address Table
BIT
Sub
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
Lch VOL<H>
Lch VOL<L>
01H
Rch VOL<H>
Rch VOL<L>
02H
Input selector
Rec output
Output
gain
Lch mute
Rch mute
03H
Bass
Surround
level
Mode selector
04H
Treble
0
0
0
Default values are all “0”.
3. Data Table
<1> Master Volume Control (Sub Address: 00H, 01H)
VOL<H>
VOL<L>
VOL
ATT
(dB)
D7
D6
D5
D4
VOL
ATT
(dB)
D3
D2
D1
D0
0
0
0
0
0
0
0
0
0
0
–10
0
0
0
1
–1
0
0
0
1
–20
0
0
1
0
–2
0
0
1
0
–30
0
0
1
1
–3
0
0
1
1
–40
0
1
0
0
–4
0
1
0
0
–50
0
1
0
1
–5
0
1
0
1
–60
0
1
1
0
–6
0
1
1
0
–70
0
1
1
1
–7
0
1
1
1
–80
1
0
0
0
–8
1
0
0
0
–9
1
0
0
1
Example: If the volume of the Lch is set to –28dB, the Data byte is transmitted as follows:
BIT
Sub
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
0
0
1
0
1
0
0
0


Similar Part No. - R2S15900SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
More results

Similar Description - R2S15900SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
   5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
   2ch Electronic Volume
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com