Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT5W-2P1113 Datasheet(PDF) 5 Page - SICK AG

Part # KT5W-2P1113
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

KT5W-2P1113 Datasheet(HTML) 5 Page - SICK AG

  KT5W-2P1113 Datasheet HTML 1Page - SICK AG KT5W-2P1113 Datasheet HTML 2Page - SICK AG KT5W-2P1113 Datasheet HTML 3Page - SICK AG KT5W-2P1113 Datasheet HTML 4Page - SICK AG KT5W-2P1113 Datasheet HTML 5Page - SICK AG KT5W-2P1113 Datasheet HTML 6Page - SICK AG KT5W-2P1113 Datasheet HTML 7Page - SICK AG KT5W-2P1113 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KT5W-2P1113 | KT5
CONTRAST SENSORS
Connection diagram
cd-324
+(L+)
Q
-(M)
Teach
L/D
1
4
2
BN
BK
WH
3
BU
5
GY
Concept of operation
KT5-2 Teach-in, teach-in dynamic
Switching characteristics
The optimum emitted light is selected automatically.
The switching threshold is set in the center between the lowest and the second-lowest reflectivity.
Teach-in can also be performed using an external control signal.
Light/dark setting can also be configured using an external control signal.
Observe the minimum speed (25 mm/s ... 300 mm/s).
Press the teach-in button and
keep it pressed.
2. Position mark or
background
1. Select switching function
(light/dark)
Turn rotary switch to desired
teach position:
D = dark switching
L = light switching
Keep the teach-in button
pressed.
3. Move at least one repeat
length using the light spot
Release the teach-in button.
Yellow LED will illuminate, when
emitted light is on the mark.
Example
Internal signal
received
Dark switching
Output Q
Switching
threshold
Internal signal
received
Light switching
Print image in detection track
Output Q
Switching
threshold
D
L
RUN
RUN
T
E
A
C
H
D
L
RUN
RUN
T
E
A
C
H
D
L
RUN
RUN
T
E
A
C
H
D
L
RUN
RUN
T
E
A
C
H
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5


Similar Part No. - KT5W-2P1113

ManufacturerPart #DatasheetDescription
logo
SICK AG
KT5W-2P1116 SICK-KT5W-2P1116 Datasheet
666Kb / 8P
   CONTRAST SENSORS
KT5W-2P1116D SICK-KT5W-2P1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - KT5W-2P1113

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2N1116D SICK-KT5W-2N1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com