Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT5W-2P1113 Datasheet(PDF) 4 Page - SICK AG

Part # KT5W-2P1113
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

KT5W-2P1113 Datasheet(HTML) 4 Page - SICK AG

  KT5W-2P1113 Datasheet HTML 1Page - SICK AG KT5W-2P1113 Datasheet HTML 2Page - SICK AG KT5W-2P1113 Datasheet HTML 3Page - SICK AG KT5W-2P1113 Datasheet HTML 4Page - SICK AG KT5W-2P1113 Datasheet HTML 5Page - SICK AG KT5W-2P1113 Datasheet HTML 6Page - SICK AG KT5W-2P1113 Datasheet HTML 7Page - SICK AG KT5W-2P1113 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KT5W-2P1113 | KT5
CONTRAST SENSORS
Dimensional drawing (Dimensions in mm (inch))
KT5-2 Teach-in, KT5-2 Display
3.5
(0.14)
Sensing distance
10 mm (0.39 inch)
4.5
(0.18)
Sensing distance
20 mm (0.79 inch)
Sensing distance
40 mm (1.57 inch)
17.4
(0.69)
9 (0.35)
28
(1.10)
56 (2.20)
17
(0.67)
13
(0.51)
28 (1.10)
52 (2.05)
80 (3.15)
5
2
4
3
2
1
①  Lens (light transmission), can be exchanged for pos. 4
②  M5 threaded mounting hole, 5.5 mm deep
③  See dimensional drawings of lenses
④  Blind screw can be replaced by pos. 1
⑤  Connector M12 (rotatable up to 90°)
Adjustments
KT5-2 Teach-in, KT5W-xxx3
1
2
3
T E A C H
D
L
RUN
RUN
Q
T
E
A
C
H
①  Function signal indicator (yellow)
②  Pre-selection switch
③  Teach-in button
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice


Similar Part No. - KT5W-2P1113

ManufacturerPart #DatasheetDescription
logo
SICK AG
KT5W-2P1116 SICK-KT5W-2P1116 Datasheet
666Kb / 8P
   CONTRAST SENSORS
KT5W-2P1116D SICK-KT5W-2P1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - KT5W-2P1113

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2N1116D SICK-KT5W-2N1116D Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com