Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT5W-2N1116D Datasheet(PDF) 5 Page - SICK AG

Part # KT5W-2N1116D
Description  CONTRAST SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

KT5W-2N1116D Datasheet(HTML) 5 Page - SICK AG

  KT5W-2N1116D Datasheet HTML 1Page - SICK AG KT5W-2N1116D Datasheet HTML 2Page - SICK AG KT5W-2N1116D Datasheet HTML 3Page - SICK AG KT5W-2N1116D Datasheet HTML 4Page - SICK AG KT5W-2N1116D Datasheet HTML 5Page - SICK AG KT5W-2N1116D Datasheet HTML 6Page - SICK AG KT5W-2N1116D Datasheet HTML 7Page - SICK AG KT5W-2N1116D Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KT5W-2N1116D | KT5
CONTRAST SENSORS
Connection diagram
cd-323
+(L+)
Q
-(M)
Teach
Not connected
1
4
2
BN
BK
WH
3
BU
5
GY
Concept of operation
KT5-2 Display, Teach-in static
Note
The bar display visualizes the detection reliability during teach-in. The more LEDs that illuminate, the better the teach-in:
1 LED illuminates = operation not reliable – contrast difference too low
≤ 4 LEDs illuminate = operation OK – sufficient contrast difference
> 4 LEDs illuminate = reliable operation – high contrast difference
Internal signal
received
Dark switching
Light switching
Output Q
Output Q
Switching
threshold
Switching
threshold
Internal signal
received
Example
Turn rotary switch to “Teach”
position. Press and hold
teach-in button > 1 s.
Red emitted light and yellow
LED flash.
1. Position mark
Press and hold teach-in button
> 1 s.
Yellow LED goes out.
Optimum emitted light is selected.
Fine adjustment possible using
the “+”/“–” buttons.
Dark mark, small deflection
Light background, large deflection
2. Position background
Switching characteristics
The optimum emitted light is selected automatically.
Light/dark setting is defined using teach-in sequence.
The switching threshold is set in the center between the background and the mark.
Teach-in can also be performed using an external control signal.
T
E
A
C
H
+
RUN
Teach
+
T
E
A
C
H
+
RUN
Teach
+
Q
Q
Q
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5


Similar Part No. - KT5W-2N1116D

ManufacturerPart #DatasheetDescription
logo
SICK AG
KT5W-2N1116 SICK-KT5W-2N1116 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results

Similar Description - KT5W-2N1116D

ManufacturerPart #DatasheetDescription
logo
SICK AG
KTM-MP317A1P SICK-KTM-MP317A1P Datasheet
1Mb / 9P
   CONTRAST SENSORS
KTM-WP1A182V SICK-KTM-WP1A182V Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WB9114225AZZZZ SICK-KTX-WB9114225AZZZZ Datasheet
998Kb / 9P
   CONTRAST SENSORS
KTX-WB9114224UZZZZ SICK-KTX-WB9114224UZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KTX-WP9114224UZZZZ SICK-KTX-WP9114224UZZZZ Datasheet
1,022Kb / 8P
   CONTRAST SENSORS
KTX-WP92142242ZZZZ SICK-KTX-WP92142242ZZZZ Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT3L-N3216 SICK-KT3L-N3216 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5G-2P1111 SICK-KT5G-2P1111 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1113 SICK-KT5W-2P1113 Datasheet
1Mb / 8P
   CONTRAST SENSORS
KT5W-2P1316 SICK-KT5W-2P1316 Datasheet
1Mb / 8P
   CONTRAST SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com