Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358AIDGKT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358AIDGKT
Description  Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358AIDGKT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV358AIDGKT Datasheet HTML 3Page - Texas Instruments LMV358AIDGKT Datasheet HTML 4Page - Texas Instruments LMV358AIDGKT Datasheet HTML 5Page - Texas Instruments LMV358AIDGKT Datasheet HTML 6Page - Texas Instruments LMV358AIDGKT Datasheet HTML 7Page - Texas Instruments LMV358AIDGKT Datasheet HTML 8Page - Texas Instruments LMV358AIDGKT Datasheet HTML 9Page - Texas Instruments LMV358AIDGKT Datasheet HTML 10Page - Texas Instruments LMV358AIDGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
LMV321A, LMV358A, LMV324A
www.ti.com
SBOS923B – DECEMBER 2017 – REVISED JUNE 2018
Product Folder Links: LMV321A LMV358A LMV324A
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.7 Electrical Characteristics
For VS = (V+) – (V–) = 2.5 V to 5.5 V (±0.9 V to ±2.75 V), TA = 25 °C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS /
2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
Vs = 5 V
±1
±4
mV
Vs = 5 V, TA = –40°C to 125°C
±5
mV
dVOS/dT
VOS vs temperature
TA = –40°C to 125°C
±1
μV/°C
PSRR
Power-supply rejection ratio
VS = 2.5 to 5.5 V, VCM = (V–)
78
100
dB
INPUT VOLTAGE RANGE
VCM
Common-mode
voltage range
No phase reversal, rail-to-rail input
(V–) – 0.1
(V+) – 1
V
CMRR
Common-mode
rejection ratio
VS = 2.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V
TA = –40°C to 125°C
86
dB
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V
TA = –40°C to 125°C
95
dB
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V
TA = –40°C to 125°C
63
77
dB
VS = 2.5 V, (V–) – 0.1 V < VCM < (V+)+ 0.1 V
TA = –40°C to 125°C
68
dB
INPUT BIAS CURRENT
IB
Input bias current
Vs = 5 V
±10
pA
IOS
Input offset current
±3
pA
NOISE
En
Input voltage noise
(peak-to-peak)
ƒ = 0.1 Hz to 10 Hz, Vs = 5 V
5.1
μVPP
en
Input voltage noise density
ƒ = 1 kHz, Vs = 5 V
33
nV/
√Hz
ƒ = 10 kHz, Vs = 5 V
30
nV/
√Hz
in
Input current noise density
ƒ = 1 kHz, Vs = 5 V
25
fA/
√Hz
INPUT CAPACITANCE
CID
Differential
1.5
pF
CIC
Common-mode
5
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V, RL = 10 kΩ
100
115
dB
VS = 2.5 V, (V–) + 0.04 V < VO < (V+) – 0.04 V, RL = 10 kΩ
98
dB
VS = 2.5 V, (V–) + 0.1 V < VO < (V+) – 0.1 V, RL = 2 kΩ
112
dB
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V, RL = 2 kΩ
128
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
Vs = 5 V
1
MHz
φm
Phase margin
VS = 5.5 V, G = 1
76
degrees
SR
Slew rate
Vs = 5 V
1.7
V/µs
tS
Settling time
To 0.1%, VS = 5 V, 2-V Step , G = +1, CL = 100 pF
3
μs
To 0.01%, VS = 5 V, 2-V Step , G = +1, CL = 100 pF
4
μs
tOR
Overload recovery time
VS = 5 V, VIN × gain > VS
0.9
μs
THD+N
Total harmonic distortion
+ noise
VS = 5.5 V, VCM = 2.5 V, VO = 1 VRMS, G = +1, f = 1 kHz, 80 kHz
measurement BW
0.005
%
OUTPUT
VO
Voltage output swing
from supply rails
VS = 5.5 V, RL = 10 kΩ
20
50
mV
VS = 5.5 V, RL = 2 kΩ
40
75
mV
ISC
Short-circuit current
Vs = 5.5 V
±40
mA
ZO
Open-loop output impedance
Vs = 5 V, f = 1 MHz
1200
Ω
POWER SUPPLY
VS
Specified voltage range
2.5 (±1.25)
5.5 (±2.75)
V
IQ
Quiescent current per amplifier
IO = 0 mA, VS = 5.5 V
80
125
µA
IO = 0 mA, VS = 5.5 V, TA = –40°C to 125°C
150
µA
Power-on time
VS = 0 V to 5 V, to 90% IQ level
50
µs


Similar Part No. - LMV358AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 29P
Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
1Mb / 38P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 45P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358AIDGKT TI1-LMV358AIDGKT Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV358AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com