Electronic Components Datasheet Search |
|
GRM0225C1E6R7WA03 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
|
GRM0225C1E6R7WA03 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 30 page 1 Rated Voltage Shown in Rated value. The rated voltage is defined as the maximum voltage which may be applied continuously to the capacitor. When AC voltage is superimposed on DC voltage, V P-P or VO-P, whichever is larger, should be maintained within the rated voltage range. 2 Appearance No defects or abnormalities. Visual inspection. 3 Dimension Within the specified dimensions. Using calipers. (GRM02 size is based on Microscope) 4 Voltage proof No defects or abnormalities. Measurement Point : Between the terminations Test Voltage : 300% of the rated voltage (Temperature compensating type) Applied Time : 1s to 5 s Charge/discharge current : 50mA max. 5 Insulation Resistance(I.R.) C≦ 0.047µF:More than 10000MΩ Measurement Point : Between the terminations C> 0.047µF:More than 500Ω·F Measurement Voltage : DC Rated Voltage C:Nominal Capacitance Charging Time : 1 min Charge/discharge current : 50mA max. Measurement Temperature : Room Temperature 6 Capacitance Shown in Rated value. Measurement Temperature : Room Temperature (1)Temperature Compensating Type 7 Q or Dissipation Factor (D.F.) 30pF and over:Q≧1000 30pF and below:Q≧400+20C C:Nominal Capacitance(pF) 8 Temperature Nominal values of the temperature coefficient is shown in Rated value. The capacitance change should be measured after 5 min Characteristics at each specified temp. stage. of Capacitance But,the Capacitance Change under 20℃ is shown in Table A. In case of applying voltage, the capacitance change should be measured after 1 min with applying voltage in equilibration of Capacitance Drift each temp. stage. Within +/-0.2% or +/-0.05pF Capacitance value as a reference is the value in step 3. (Whichever is larger.) The capacitance drift is calculated by dividing the differences between the maximum and minimum measured values in the step 1,3 and 5 by the cap. value in step 3. 9 Adhesive Strength No removal of the terminations or other defect Solder the capacitor on the test substrate shown in Fig.3. of Termination should occur. Holding Time : 10+/-1s Applied Direction : In parallel with the test substrate and vertical with the capacitor side. Test Method (Ref. Standard:JIS C 5101, IEC60384) Specification ■ Specifications and Test Methods No Item Type Applied Force(N) GRM02 1 GRM03 2 GRM15/GRM18 5 GRM21/GRM31/GRM32 10 Step Temperature( C) 1 Reference Temp.+/-2 2 Min. Operating Temp.+/-3 3 Reference Temp.+/-2 4 Max. Operating Temp.+/-3 5 Reference Temp.+/-2 Capacitance Frequency Voltage C≦1000pF 1.0+/-0.1MHz 0.5 to 5.0Vrms C>1000pF 1.0+/-0.1kHz 1.0+/-0.2Vrms JEMCGS-04590A 2 |
Similar Part No. - GRM0225C1E6R7WA03 |
|
Similar Description - GRM0225C1E6R7WA03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |