Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1E5R1WA03 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1E5R1WA03
Description  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1E5R1WA03 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1E5R1WA03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
10 Vibration
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Capacitance
Within the specified initial value.
Q or D.F.
Within the specified initial value.
Kind of Vibration
:
A simple harmonic motion
10Hz to 55Hz to 10Hz (1min)
Total amplitude
: 1.5mm
This motion should be applied for a period of 2h in each 3 mutually
perpendicular directions(total of 6h).
11 Substrate
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.1.
Bending test
Capacitance
Within +/-5% or +/-0.5pF
Change
(Whichever is larger)
Pressurization method : Shown in Fig.2
Flexure 
   : 1mm
Holding Time
:
5+/-1s
Soldering Method
: Reflow soldering
12 Solderability
95% of the terminations is to be soldered evenly and continuously.
Test Method
:
Solder bath method
Flux
Solution of rojin ethanol 25(wt)%
Preheat
: 80℃ to 120℃ for 10s to 30s
Solder
: Sn-3.0Ag-0.5Cu
Solder Temp.
: 245+/-5℃
Immersion time
: 2+/-0.5s
13 Resistance to
Appearance
No defects or abnormalities.
<GRM03 size min.>
Soldering Heat
Capacitance
Within +/-2.5% or +/- 0.25pF
Test Method
:
Solder bath method
Change
(Whichever is larger)
Solder
: Sn-3.0Ag-0.5Cu
Solder Temp.
: 270+/-5℃
Q or D.F.
Within the specified initial value.
Immersion time
: 10+/-0.5s
Exposure Time
: 24+/-2h
I.R.
Within the specified initial value.
Preheat
: GRM31 size max.: 120℃ to 150℃ for 1 min
 
GRM32 size    : 100℃ to 120℃ for 1 min
Voltage proof No defects.
and 170℃ to 200℃ for 1 min
<GRM02 size only>
Test Method
: Reflow soldering (hot plate)
Solder
: Sn-3.0Ag-0.5Cu
Solder Temp.
: 270+/-5℃
Reflow Time
:
10+/-0.5s
Test Substrate
: Glass epoxy PCB
Exposure Time
: 24+/-2h
Preheat
: 120℃ to 150℃ for 1 min
14 Temperature
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Sudden Change Capacitance
Within +/-2.5% or+/- 0.25pF
Change
(Whichever is larger)
Perform the five cycles according to the four heat treatments
shown in the following table.
Q or D.F.
Within the specified initial value.
I.R.
Within the specified initial value.
Voltage proof No defects.
Exposure Time
: 24+/-2h
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
Specification
No
Item
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
Step
Temp.(
C)
Time (min)
1
Min.Operating Temp.+0/-3
30+/-3
2
Room Temp.
2 to 3
3
Max.Operating Temp.+3/-0
30+/-3
4
Room Temp
2 to 3
JEMCGS-04590A
3


Similar Part No. - GRM0225C1E5R1WA03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1E5R1WDAE MURATA-GRM0225C1E5R1WDAE Datasheet
50Kb / 1P
   Temperature characteristics (complied standard)
More results

Similar Description - GRM0225C1E5R1WA03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com