Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1E5R1WA03 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1E5R1WA03
Description  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1E5R1WA03 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1E5R1WA03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1E5R1WA03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
15 High
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Temperature
High Humidity
Capacitance
Within +/-7.5% or +/-0.75pF
Test Temperature
: 40+/-2℃
(Steady)
Change
(Whichever is larger)
Test Humidity
: 90%RH to 95%RH
Test Time
: 500+/-12h
Q or D.F.
30pF and over:Q≧200
Applied Voltage
: DC Rated Voltage
30pF and below
Charge/discharge current : 50mA max.
:Q≧100+10C/3
Exposure Time
: 24+/-2h
C:Nominal Capacitance(pF)
I.R.
More than 500MΩ or 25Ω·F (Whichever is smaller)
16 Durability
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Capacitance
Within +/-3% or +/-0.3pF
Test Temperature
: Max. Operating Temp. +/-3℃
Change
(Whichever is larger)
Test Time
: 1000+/-12h
Applied Voltage
:
200% of the rated voltage
Q or D.F.
30pF and over:Q≧350
Charge/discharge current : 50mA max.
10pF and over
Exposure Time
: 24+/-2h
30pF and below  : Q≧275+5C/2
10pF and below  : Q≧200+10C
C:Nominal Capacitance (pF)
I.R.
More than 1,000MΩ or 50Ω·F (Whichever is smaller)
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
Specification
No
Item
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
Table A
Char.
Capacitance Change from 20
C (%) (5C only : 25C)
-55℃
-30℃
-25℃
-10℃
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
2C
0.82
-0.45
-
-
0.49
-0.27
0.33
-0.18
3C
1.37
-0.90
-
-
0.82
-0.54
0.55
-0.36
4C
2.56
-1.88
-
-
1.54
-1.13
1.02
-0.75
5C
0.58
-0.24
0.40
-0.17
-
-
0.25
-0.11
JEMCGS-04590A
4


Similar Part No. - GRM0225C1E5R1WA03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1E5R1WDAE MURATA-GRM0225C1E5R1WDAE Datasheet
50Kb / 1P
Temperature characteristics (complied standard)
More results

Similar Description - GRM0225C1E5R1WA03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com