Electronic Components Datasheet Search |
|
GRM0225C1E4R1WA03 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
GRM0225C1E4R1WA03 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 30 page 10 Vibration Appearance No defects or abnormalities. Solder the capacitor on the test substrate shown in Fig.3. Capacitance Within the specified initial value. Q or D.F. Within the specified initial value. Kind of Vibration : A simple harmonic motion 10Hz to 55Hz to 10Hz (1min) Total amplitude : 1.5mm This motion should be applied for a period of 2h in each 3 mutually perpendicular directions(total of 6h). 11 Substrate Appearance No defects or abnormalities. Solder the capacitor on the test substrate shown in Fig.1. Bending test Capacitance Within +/-5% or +/-0.5pF Change (Whichever is larger) Pressurization method : Shown in Fig.2 Flexure : 1mm Holding Time : 5+/-1s Soldering Method : Reflow soldering 12 Solderability 95% of the terminations is to be soldered evenly and continuously. Test Method : Solder bath method Flux Solution of rojin ethanol 25(wt)% Preheat : 80℃ to 120℃ for 10s to 30s Solder : Sn-3.0Ag-0.5Cu Solder Temp. : 245+/-5℃ Immersion time : 2+/-0.5s 13 Resistance to Appearance No defects or abnormalities. <GRM03 size min.> Soldering Heat Capacitance Within +/-2.5% or +/- 0.25pF Test Method : Solder bath method Change (Whichever is larger) Solder : Sn-3.0Ag-0.5Cu Solder Temp. : 270+/-5℃ Q or D.F. Within the specified initial value. Immersion time : 10+/-0.5s Exposure Time : 24+/-2h I.R. Within the specified initial value. Preheat : GRM31 size max.: 120℃ to 150℃ for 1 min GRM32 size : 100℃ to 120℃ for 1 min Voltage proof No defects. and 170℃ to 200℃ for 1 min <GRM02 size only> Test Method : Reflow soldering (hot plate) Solder : Sn-3.0Ag-0.5Cu Solder Temp. : 270+/-5℃ Reflow Time : 10+/-0.5s Test Substrate : Glass epoxy PCB Exposure Time : 24+/-2h Preheat : 120℃ to 150℃ for 1 min 14 Temperature Appearance No defects or abnormalities. Solder the capacitor on the test substrate shown in Fig.3. Sudden Change Capacitance Within +/-2.5% or+/- 0.25pF Change (Whichever is larger) Perform the five cycles according to the four heat treatments shown in the following table. Q or D.F. Within the specified initial value. I.R. Within the specified initial value. Voltage proof No defects. Exposure Time : 24+/-2h Test Method (Ref. Standard:JIS C 5101, IEC60384) Specification No Item Type Applied Force(N) GRM02 1 GRM03 2 GRM15/GRM18 5 GRM21/GRM31/GRM32 10 Step Temp.( C) Time (min) 1 Min.Operating Temp.+0/-3 30+/-3 2 Room Temp. 2 to 3 3 Max.Operating Temp.+3/-0 30+/-3 4 Room Temp 2 to 3 JEMCGS-04590A 3 |
Similar Part No. - GRM0225C1E4R1WA03 |
|
Similar Description - GRM0225C1E4R1WA03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |