Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1E4R1WA03 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1E4R1WA03
Description  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1E4R1WA03 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1E4R1WA03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1E4R1WA03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage
which may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage,
V
P-P or VO-P, whichever is larger, should be maintained
within the rated voltage range.
2
Appearance
No defects or abnormalities.
Visual inspection.
3
Dimension
Within the specified dimensions.
Using calipers. (GRM02 size is based on Microscope)
4
Voltage proof
No defects or abnormalities.
Measurement Point
: Between the terminations
Test Voltage
: 300% of the rated voltage
(Temperature compensating type)
Applied Time
: 1s to 5 s
Charge/discharge current : 50mA max.
5
Insulation Resistance(I.R.)
C≦
0.047µF:More than 10000MΩ
Measurement Point    : Between the terminations
C>
0.047µF:More than 500Ω·F
Measurement Voltage :
DC Rated Voltage
C:Nominal Capacitance
Charging Time
: 1 min
Charge/discharge current : 50mA max.
Measurement Temperature : Room Temperature
6
Capacitance
Shown in Rated value.
Measurement Temperature : Room Temperature
(1)Temperature Compensating Type
7
Q or Dissipation Factor (D.F.)
30pF and over:Q≧1000
30pF and below:Q≧400+20C
C:Nominal Capacitance(pF)
8
Temperature
Nominal values of the temperature coefficient is shown in Rated value. The capacitance change should be measured after 5 min
Characteristics
at each specified temp. stage.
of Capacitance
But,the Capacitance Change under 20℃ is shown in Table A.
In case of applying voltage, the capacitance change should be
measured after 1 min with applying voltage in equilibration of
Capacitance Drift
each temp. stage.
Within +/-0.2% or +/-0.05pF
Capacitance value as a reference is the value in step 3.
(Whichever is larger.)
The capacitance drift is calculated by dividing the differences
between the maximum and minimum measured values in the
step 1,3 and 5 by the cap. value in step 3.
9
Adhesive Strength
No removal of the terminations or other defect
Solder the capacitor on the test substrate shown in Fig.3.
of Termination
should occur.
Holding Time
: 10+/-1s
Applied Direction : In parallel with the test substrate and vertical with
the capacitor side.
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
Specification
■ Specifications and Test Methods
No
Item
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
Step
Temperature(
C)
1
Reference Temp.+/-2
2
Min. Operating Temp.+/-3
3
Reference Temp.+/-2
4
Max. Operating Temp.+/-3
5
Reference Temp.+/-2
Capacitance
Frequency
Voltage
C≦1000pF
1.0+/-0.1MHz
0.5 to 5.0Vrms
C>1000pF
1.0+/-0.1kHz
1.0+/-0.2Vrms
JEMCGS-04590A
2


Similar Part No. - GRM0225C1E4R1WA03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1E4R1WDAE MURATA-GRM0225C1E4R1WDAE Datasheet
50Kb / 1P
   Rated voltage
More results

Similar Description - GRM0225C1E4R1WA03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com