Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3S4YR-SGR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3S4YR-SGR
Description  Insert Magnetic/IC Card Reader
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-SGR Datasheet(HTML) 2 Page - Omron Electronics LLC

  3S4YR-SGR Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-SGR Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-SGR Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-SGR Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3S4YR-SGR
3S4YR-SGR
2
Part number
3S4YR-SGR (except 0J)
3S4YR-SGR0J
Recommended card type
Magnetic card
ISO 7810 - 7813
IC card
ISO 7816/1-2
Service life
Mag head
300,000 passes (preliminary)
IC contact
500,000 passes (preliminary)
Operating power supply
5 VDC
± 5%
Card feed speed
100 to 800 mm/sec.
Current consumption
2.5 A max. (during solenoid release), 100 mA typ.
Mounting location
Indoors — away from wind, rain, sunlight, and dust
Ambient temperature
0
° to 45°C (32° to 113°F)
Ambient humidity
Operation
30% to 85% RH without condensation and frost formation
Vibration
10-150 Hz, single vibration width of 0.15 mm or on acceleration of 2 G (19.6 m/s2),
whichever is smaller
Shock
20 G (196 m/s2) in X, Y, and Z directions, respectively
Dimensions
126L x 76W x 30H mm
126L x 76W x 25H mm
(4.96L x 2.99W x 1.18H in)
(4.96L x 2.99W x 0.98H in)
Weight
Approx. 100 g (3.5 oz)
Specifications
Engineering Data
s I/O INFORMATION
Output signal levels
V
OL = 0.4 V at 5 mA
V
OH = 2.8 at 0.1 mA
GND
5 V
s TYPICAL APPLICATIONS
• Remote Terminals for Computers
• Credit Card Readers
• ID Card Checkers
• Electronic Locks
• Automatic Gate Machines
• POS Terminals
• ATMs
• Gas Pump Control
• Vending Machines
• Pre-Paid Systems
• Kiosks


Similar Part No. - 3S4YR-SGR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-SBR3N-50 OMRON-3S4YR-SBR3N-50 Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
3S4YR-SBR4N-50 OMRON-3S4YR-SBR4N-50 Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
3S4YR-SBR5N-50 OMRON-3S4YR-SBR5N-50 Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
More results

Similar Description - 3S4YR-SGR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ZU-1870MA8R PANASONIC-ZU-1870MA8R Datasheet
353Kb / 32P
MAGNETIC CARD READER SPECIFICATION
logo
Omron Electronics LLC
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
Manual Swipe Magnetic Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
V3A OMRON-V3A Datasheet
155Kb / 6P
Manual Swipe Magnetic Card Reader
V3B OMRON-V3B Datasheet
150Kb / 6P
Manual Swipe Magnetic Card Reader
logo
Cherry Semiconductor Co...
G81-7040 CHERRY-G81-7040 Datasheet
95Kb / 2P
Magnetic Stripe Reader
logo
Omron Electronics LLC
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
Manual Swipe Magnetic Card Reader
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
Magnetic Stripe Card Reader
23-Nov-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com