Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3S4YR-MBR Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # 3S4YR-MBR
Description  Motor Driven Card Reader
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MBR Datasheet(HTML) 4 Page - Omron Electronics LLC

  3S4YR-MBR Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 4Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3S4YR-MBR/MCR
3S4YR-MBR/MCR
Dimensions
■ 3S4YR-MBR1
Unit: mm (inch)
52 (S3 Sensor)
8.5 (S1 Sensor)
55
40
27.5
27.5
82.5
21.2
7.2
(38.3)
100
(13.5)
134.7
60±1
90
41.5
6-M3 Mounting Screw
Bottom side
Magnetic stripe side (ISO)
24.5 (S2 Sensor)
NOTE. Tolerances unless otherwise noted +/-1.5mm
Fig.1 Dimensional Outline Drawing (without shutter unit)
Same Screw at bottom
T
D
C
B
A
VW XYZ
123
G
EF
S
OR
Q
PU
N
M
L
K
J
I
H
3S4YR-MBR1
OMRON Corporation
MADE IN PHILIPPINES
SERIAL NO.############


Similar Part No. - 3S4YR-MBR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR4D OMRON-3S4YR-MBR4D Datasheet
163Kb / 5P
Motor Driven Card Reader
More results

Similar Description - 3S4YR-MBR

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
Omron Electronics LLC
V2AF OMRON-V2AF Datasheet
273Kb / 2P
Motor Driven Hybrid Card Reader
logo
Advanced Technical Mate...
AV08-XX-28 ATM-AV08-XX-28 Datasheet
72Kb / 1P
OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
AV07-XX-28 ATM-AV07-XX-28 Datasheet
73Kb / 1P
OUTLINE, AV07 MOTOR-DRIVEN ATTENUATOR
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168 Datasheet
284Kb / 5P
Rotary Motor-driven Type
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
Motor Driven Card Reader/Writer
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
Motor Driven Card Reader
logo
List of Unclassifed Man...
315A-AH ETC2-315A-AH Datasheet
170Kb / 1P
Outdoor Motor Driven Industrial Siren
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com