Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3S4YR-MBR Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # 3S4YR-MBR
Description  Motor Driven Card Reader
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MBR Datasheet(HTML) 3 Page - Omron Electronics LLC

  3S4YR-MBR Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 4Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3S4YR-MBR/MCR
3S4YR-MBR/MCR
■ I/O INFORMATION
Pin #
Signal
Input/Output
Description
1
24V
24 VDC
2
24V
24 VDC
3
POV
0 VDC
4
POV
0 VDC
5
MFS
Input
Motor forward signal
6
MRS
Input
Motor reverse signal
7S1
Output
Card location sensor 1
8S2
Output
Card location sensor 2
9S3
Output
Card location sensor 3
10
11
RDP1
Output
Read data, track 1
12
RCP1
Output
Read clock, track 1
13
RDP2*
Output
Read data, track 2
14
RCP2*
Output
Read clock, track 2
15
RDP3*
Output
Read data, track 3
16
RCP3*
Output
Read data, track 3
17
18
19
20
21
WS**
Output
Card width switch
22
SHD**
Output
Sense head detector
23
SO**
Input
Shutter open/close
24
SHE**
Output
Shutter echo switch
25
26
0 VDC
0 VDC (GND)
3S4YR-MCROJCB/DB
* Signals applicable for the MBR1 and MBR1D only.
** Signals applicable when shutter is attached.
*** Signals applicable for rear ejection models only.
Pin #
Signal
Input/Output
Description
1
24V
24 VDC
2
24V
24 VDC
3
POV
0 VDC
4
POV
0 VDC
5
MFS
Input
Motor forward signal
6
MRS
Input
Motor reverse signal
7S1
Output
Card location sensor 1
8S2
Output
Card location sensor 2
9S3
Output
Card location sensor 3
10
IVCC
IC card VCC
11
IRST
IC card RESET
12
ICIO
IC card IN/OUT
13
IGND
IC card GND
14
ICLX
IC card PROGRAM
15
IVVP
IC card CLOCK
16
IRS1
IC card RESERVE 1
17
IRS2
IC card RESERVE 2
18
IECO***
Output
IC card contact press echo
19
IECS***
Output
Stopper release sensor
echo (rear ejection only)
20
ISO1***
Input
IC card contact press
21
WS**
Output
Card width switch
22
SHD**
Output
Sense head detector
23
SO**
Input
Shutter open/close
24
SHE**
Output
Shutter echo switch
25
ISO2***
Input
IC card stopper release
(rear ejection only)
26
0 VDC
0 VDC (GND)
3S4YR-MBR1/1D/4/4D
Engineering Data
■ OUTPUT CIRCUIT DIAGRAM
Input Circuit
10 kΩ
470 P
Output Circuit
+5 V
100 Ω
10 kΩ
I/F Board
I/F Board
74HC14/04 or equivalent
I
OH = -1 mA MAX (VOH = 3.5 V MIN)
I
OL = 4 mA MAX (VOL = 0.4 V MAX)
• RCP1~3, RDP1~3 F2F recorder output
100 Ω
I/F Board
74HC04 or equivalent
I
OL= 10 mA MAX (VOL = 0.4 V MAX)
I
OL
+5 V
I/F Board
Digital Transistor
4.7 K
• S1~3, SHE, WS
• SHD
Output Circuit, cont.
Card reader side: Hirose Electric HIF3BA-26PA-2, 54DS (male)
Cable side: Connector socket conforming to MIL-C-83503 (female);
Berg 66900-266 or 65846-002; 3M 3399-6500SC+3448-3926J
(connector + strain relief, cable-side connector is not included).
Card reader side: Hirose Electric HIF3BA-26PA-2, 54DS (male)
Cable side: Connector socket conforming to MIL-C-83503 (female);
Berg 66900-226 or 65846-002; 3M 3399-6500SC+3448+3026J
(connector + strain relief, cable-side connector is not included).
◆ = Direct IC Contact


Similar Part No. - 3S4YR-MBR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR4D OMRON-3S4YR-MBR4D Datasheet
163Kb / 5P
   Motor Driven Card Reader
More results

Similar Description - 3S4YR-MBR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
   Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
   Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
   Motor Driven Card Reader/Writer
V2AF OMRON-V2AF Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
   Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168 Datasheet
284Kb / 5P
   Rotary Motor-driven Type
logo
List of Unclassifed Man...
315A-AH ETC2-315A-AH Datasheet
170Kb / 1P
   Outdoor Motor Driven Industrial Siren
logo
Advanced Technical Mate...
AV08-XX-28 ATM-AV08-XX-28 Datasheet
72Kb / 1P
   OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
AV07-XX-28 ATM-AV07-XX-28 Datasheet
73Kb / 1P
   OUTLINE, AV07 MOTOR-DRIVEN ATTENUATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com