Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3S4YR-MBR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3S4YR-MBR
Description  Motor Driven Card Reader
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MBR Datasheet(HTML) 2 Page - Omron Electronics LLC

  3S4YR-MBR Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 4Page - Omron Electronics LLC 3S4YR-MBR Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3S4YR-MBR/MCR
3S4YR-MBR/MCR
Part number
3S4YR-MBR/MCR
Recommended card type
Magnetic card
ISO 7810, 7811/1-5, 7812, 7813
IC Card
ISO 7816/1-2
Recording method
FM decoding (F2F)
Card feeding speed
40 cm/sec (15.7 in/sec)
Motor type
DC motor
Service life (See note)
Magnetic head
1,000,000 passes
IC contact
300,000 times
Transport roller
1,000,000 passes or 5 years
Drive belt
1,000,000 passes or 5 years
Entire unit
1,000,000 passes (excluding the above mentioned parts)
Operating power supply
24 VDC ± 10%
Max. current consumption
3S4YR
MBR
MBR D
MCR0JCB
MCR0JDB
Waiting
25 mA
30 mA
20 mA
25 mA
Operating
350 mA
550 mA
500 mA
700 mA
Start-up, reverse
2A
2A
2A
2A
Mounting location
Indoors — away from wind, rain, and sunlight
Ambient temperature
Operation
-5° to 55°C (23° to 131°F)
Storage
-25° to 70°C (-13° to 158°F)
Ambient humidity
Operation
45% to 85% RH without condensation
Storage
20% to 90% RH
Vibration (when not in use)
Single amplitude: 0.75 mm
Max acceleration: 100 mm/sec2;
10 to 150 Hz for 30 minutes in X, Y, and Z directions
Shock (when not in use)
300 m/sec2 (30 G) three times in each of X, Y, and Z directions
Dimensions
3S4YR
MBR
MBR D
MCR0JCB MCR0JDB
Length
122 mm
147 mm
122 mm
147 mm
(4.80 in)
(5.79 in)
(4.80 in)
(5.79 in)
Width
90 mm
90 mm
90 mm
105 mm
(3.54 in)
(3.54 in)
(3.54 in)
(4.13 in)
Height
62 mm
62 mm
95 mm
95 mm
(2.44 in)
(2.44 in)
(2.44 in)
(3.74 in)
(3.74 in)
Weight
3S4YR
MBR
MBR D
MCR0JCB MCR0JDB
550 g
750g
900 g
1,100 g
(19.4 oz)
(26.5 oz)
(31.7 oz)
(38.8 oz)
Specifications
Note: One pass denotes one-way travel of card feed.


Similar Part No. - 3S4YR-MBR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR4D OMRON-3S4YR-MBR4D Datasheet
163Kb / 5P
Motor Driven Card Reader
More results

Similar Description - 3S4YR-MBR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
Motor Driven Card Reader/Writer
V2AF OMRON-V2AF Datasheet
273Kb / 2P
Motor Driven Hybrid Card Reader
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168 Datasheet
284Kb / 5P
Rotary Motor-driven Type
logo
List of Unclassifed Man...
315A-AH ETC2-315A-AH Datasheet
170Kb / 1P
Outdoor Motor Driven Industrial Siren
logo
Advanced Technical Mate...
AV08-XX-28 ATM-AV08-XX-28 Datasheet
72Kb / 1P
OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
AV07-XX-28 ATM-AV07-XX-28 Datasheet
73Kb / 1P
OUTLINE, AV07 MOTOR-DRIVEN ATTENUATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com