Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FPXXXF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-0603FPXXXF
Description  Fast Acting Precision Surface Mount Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FPXXXF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-0603FPXXXF Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF-0603FPxxxFSeries-FastActingPrecisionSurfaceMountFuses
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Solder Reflow Recommendations
TIME
tL
TIME 25 °C TO PEAK
tp
Ts
Tsmax
Tsmin
TP
260
150
10 sec. max.
PREHEATING
TL
25
TC -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s
120 seconds
TIME
Recommended Temperature Profile for Wave Soldering
Wavesolderingissuitablefor0603sizemodels.
Profile Feature
Pb-Free Assembly
Preheat/Soak:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150°C
200°C
60~120 seconds
Ramp Up Rate (TL to Tp)
3°C/secondmax.
Liquidous Temperature (TL)
Time (tL)maintainedaboveTL
217°C
60~150 seconds
PeakPackageBody
Temperature (Tp)
260°C
Time (tp)*within5°Cofthe
specifiedclassificationtemperature
(Tc)
30 seconds*
Ramp Down Rate (Tp to TL)
6°C/secondmax.
Time25°CtoPeakTemperature
8 minutes max.
TIME
tL
TIME 25 °C TO PEAK
tp
ts
Tsmax
Tsmin
Tp
260
150
10 sec. max.
PREHEATING
TL
25
Tc -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s
120 seconds
TIME
*Toleranceforpeakprofiletemperature(Tp)isdefinedasa
supplier minimum and a user maximum.


Similar Part No. - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
More results

Similar Description - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
Fast Acting Precision Wire Core Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com