Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FPXXXF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0603FPXXXF
Description  Fast Acting Precision Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FPXXXF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0603FPXXXF Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF-0603FPxxxFSeries-FastActingPrecisionSurfaceMountFuses
SinglFuseSF-0603FPxxxFSeriesApplications
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
How to Order
SF - 0603 FP 015 F - 2
SinglFuse™
Product Designator
SMD Footprint
1608 = (EIA 0603) size
FuseBlowType
FP = Fast acting precision
Rated Current
015 ~ 500 (150 mA ~ 5.0 A)
StructureType
F=Thinfilm
PackagingType
- 2 = Tape & Reel
Typical Part Marking
Representstotalcontent.Layoutmay
vary.
RATED CURRENT (A)
= 0.150
= 0.200
= 0.250
= 0.375
= 0.500
= 0.750
= 1.000
= 1.250
= 1.500
= 1.750
= 2.000
= 2.500
= 3.000
= 3.500
= 4.000
= 5.000
Packaging Quantity
8,000 pieces per 7-inch reel
Construction
Operating Temperature..................................................................................................................................................................-55°Cto+90°C
Storage Conditions
Temperature ..............................................................................................................................................................................+5°Cto+35°C
Humidity.........................................................................................................................................................................................40 % to 75 %
Shelf Life..........................................................................................................................................................2yearsfrommanufacturingdate
MoistureSensitivityLevel...................................................................................................................................................................................... 1
ESDClassification(HBM)............................................................................................................................................................................ Class 6
Environmental Characteristics
Product Dimensions
Recommended Pad Layout
1.6 ± 0.10
(.063 ± .004)
0.36 ± 0.10
(.014 ± .004)
1.00
(.039)
0.36 ± 0.10
(.014 ± .004)
0.36 ± 0.10
(.014 ± .004)
0.36 ± 0.10
(.014 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.81 ± 0.10
(.032 ± .004)
2.20
(.087)
0.80
(.031)
1.6 ± 0.10
(.063 ± .004)
0.36 ± 0.10
(.014 ± .004)
1.00
(.039)
0.36 ± 0.10
(.014 ± .004)
0.36 ± 0.10
(.014 ± .004)
0.36 ± 0.10
(.014 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.81 ± 0.10
(.032 ± .004)
2.20
(.087)
0.80
(.031)
1.6 ± 0.10
(.063 ± .004)
0.36 ± 0.10
(.014 ± .004)
1.00
(.039)
0.36 ± 0.10
(.014 ± .004)
0.36 ± 0.10
(.014 ± .004)
0.36 ± 0.10
(.014 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.81 ± 0.10
(.032 ± .004)
2.20
(.087)
0.80
(.031)
Current Rating Thermal Derating Curve
140
120
100
80
60
40
20
0
-60
-40
-20
020406080
100
MAXIMUM OPERATING TEMPERATURE (°C)
PCB
CuNi/Sn
EPOXY
Cu/Sn
n
Portablememory
n
LCDmonitors
n
Diskdrives
n
PDAs
n
Digitalcameras
n
MP3players
n
Cellphones
n
Rechargeablebatterypacks
n
Batterychargers
n
Set-topboxes
n
Industrialcontrollers
n
BatteryManagementSystems(BMS)
n
LEDlighting
n
Powertools
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
More results

Similar Description - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
   Fast Acting Precision Wire Core Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com