Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FPXXXF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603FPXXXF
Description  Fast Acting Precision Surface Mount Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FPXXXF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603FPXXXF Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
n
Singleblowfuseforovercurrentprotection
n
1608(EIA0603)miniaturefootprint
n
Fast-actingprecisionfuse
n
UL248-14listed
n
RoHScompliant*andhalogenfree**
n
Thinfilmchipdesign
n
Surfacemountpackagingforautomatedassembly
Electrical Characteristics
SF-0603FPxxxFSeries-FastActingPrecisionSurfaceMountFuses
Model
Rated Current
(Amps)
Fusing Time
Resistance
(Ω) Typ.***
Rated
Voltage
Interrupting
Rating
Typical
I2t (A2s) ****
SF-0603FP015F-2
0.15
Open within 5
sec. at 200 %
rated current
2.20
DC 65 V
DC 35 V 50 A
AC 65 V 13 A
0.0006
SF-0603FP020F-2
0.20
1.30
0.0014
SF-0603FP025F-2
0.25
1.10
0.0016
SF-0603FP0375F-2
0.375
0.48
0.0040
SF-0603FP050F-2
0.50
0.185
0.0120
SF-0603FP075F-2
0.75
0.112
0.0210
SF-0603FP100F-2
1.00
0.069
0.0420
SF-0603FP125F-2
1.25
0.048
DC 35 V 35 A
AC 65 V 13 A
0.0520
SF-0603FP150F-2
1.50
0.037
0.0710
SF-0603FP175F-2
1.75
0.031
DC 35 V
DC 35 V 35 A
AC 24 V 50 A
0.10
SF-0603FP200F-2
2.00
0.026
0.14
SF-0603FP250F-2
2.50
0.021
0.24
SF-0603FP300F-2
3.00
0.0176
0.33
SF-0603FP350F-2
3.50
0.0148
0.49
SF-0603FP400F-2
4.00
0.0125
0.63
SF-0603FP500F-2
5.00
0.0095
1.10
Reliability Testing
SinglFuseSF-0603FPxxxFSeriesFeatures
*** Resistancevaluemeasuredwith≤10%ratedcurrentat25°Cambient.
**** Melting I2t calculated at 0.001 second pre-arcing time.
No.
Test
Requirement
Test Condition
Test Reference
1
Bending
≤1A:DCRchange≤±10%
>1A:DCRchange≤±20%
2 mm
Refer to STP
document
2
Solderability
Minimum 95 % coverage
Onedipat255°Cfor5seconds
MIL-STD-202
Method 208
3
Thermal shock
DCRchange≤±10%
No mechanical damage
100cyclesbetween-55°Cand+125°C MIL-STD-202
Method 107
4
Moisture resistance
DCRchange≤±10%
No excessive corrosion
10cycles
MIL-STD-202
Method 106
5
Saltspray
DCRchange≤±10%
No excessive corrosion
48 hour exposure, 5 % salt solution
MIL-STD-202
Method 101
6
Mechanicalvibration DCRchange≤±10%
No mechanical damage
0.4inchD.A.or30Gbetween
5-3000 Hz
MIL-STD-202
Method 204
7
Mechanical shock
DCRchange≤±10%
No mechanical damage
1500 G, 0.5 ms, half-sine shocks
MIL-STD-202
Method 213
8
Life
No electrical “opens” during testing
Voltagedropchangeshallbeless
than±10%ofinitialvalue
75 % rated current for 2000 hours at
ambienttemperaturebetween
+20°Cand+30°C
Refer to STP
document
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EU
June8,2011.
** Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppm
orless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)and
Chlorine(Cl)contentis1500ppmorless.
“SinglFuse”isatrademarkofBourns,Inc.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplica-
tionsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
ULFileNumber .................................................... E198545
http://www.ul.com/ FollowlinktoOnlineCertificatesDirectory,
then enter UL File No. E198545, or click here
Agency Recognition


Similar Part No. - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
More results

Similar Description - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
Fast Acting Precision Wire Core Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com