Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603FPXXXF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SF-0603FPXXXF
Description  Fast Acting Precision Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FPXXXF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SF-0603FPXXXF Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603FPXXXF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
SF-0603FPxxxFSeries-FastActingPrecisionSurfaceMountFuses
REV.A03/18
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Average Pre-Arcing Time vs. Current Curves
Average I2t vs. t Curves
1
0.1
0.01
0.001
0.0001
0.1
110100
CURRENT (A)
100
10
1
0.1
0.01
0.001
0.0001
0.0001
0.001
0.01
0.1
10
1
TIME (SECONDS)
0.15 A
0.20 A
0.25 A
0.375 A
0.50 A
0.75 A
1.00 A
1.25 A
1.50 A
1.75 A
2.00 A
2.50 A
3.00 A
3.50 A
4.00 A
5.00 A
0.15 A
0.20 A
0.25 A
0.375 A
0.50 A
0.75 A
1.00 A
1.25 A
5.00 A
4.00 A
3.50 A
3.00 A
2.50 A
2.00 A
1.75 A
1.50 A
1
0.1
0.01
0.001
0.0001
0.1
110100
CURRENT (A)
100
10
1
0.1
0.01
0.001
0.0001
0.0001
0.001
0.01
0.1
10
1
TIME (SECONDS)
0.15 A
0.20 A
0.25 A
0.375 A
0.50 A
0.75 A
1.00 A
1.25 A
1.50 A
1.75 A
2.00 A
2.50 A
3.00 A
3.50 A
4.00 A
5.00 A
0.15 A
0.20 A
0.25 A
0.375 A
0.50 A
0.75 A
1.00 A
1.25 A
5.00 A
4.00 A
3.50 A
3.00 A
2.50 A
2.00 A
1.75 A
1.50 A
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
More results

Similar Description - SF-0603FPXXXF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
   Fast Acting Precision Wire Core Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com