Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25020A-10PQ-2.7 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25020A-10PQ-2.7
Description  SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020A-10PQ-2.7 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25020A-10PQ-2.7 Datasheet HTML 1Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 2Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 3Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
AT25010A/020A/040A
5087B–SEEPR–1/05
Note:
1. This parameter is characterized and is not 100% tested.
Table 4. AC Characteristics
Applicable over recommended operating range from TAE = −40°C to +125°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted).
Symbol
Parameter
Voltage
Min
Max
Units
f
SCK
SCK Clock Frequency
2.7–5.5
0
5.0
MHz
t
RI
Input Rise Time
2.7–5.5
2
µs
t
FI
Input Fall Time
2.7–5.5
2
µs
t
WH
SCK High Time
2.7–5.5
40
ns
t
WL
SCK Low Time
2.7–5.5
40
ns
t
CS
CS High Time
2.7–5.5
80
ns
t
CSS
CS Setup Time
2.7–5.5
80
ns
t
CSH
CS Hold Time
2.7–5.5
80
ns
t
SU
Data In Setup Time
2.7–5.5
5
ns
t
H
Data In Hold Time
2.7–5.5
20
ns
t
HD
Hold Setup Time
2.7–5.5
40
t
CD
Hold Hold Time
2.7–5.5
40
ns
t
V
Output Valid
2.7–5.5
0
40
ns
t
HO
Output Hold Time
2.7–5.5
0
ns
t
LZ
Hold to Output Low Z
2.7–5.5
0
40
ns
t
HZ
Hold to Output High Z
2.7–5.5
80
ns
t
DIS
Output Disable Time
2.7–5.5
80
ns
t
WC
Write Cycle Time
2.7–5.5
5
ms
Endurance
(1)
5.0V, 25°C, Page Mode
1M
Write Cycles


Similar Part No. - AT25020A-10PQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A-10PU-1.8 ATMEL-AT25020A-10PU-1.8 Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25020A-10PU-2.7 ATMEL-AT25020A-10PU-2.7 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25020A-10PQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A Datasheet
390Kb / 18P
   SPI Serial Extended Temperature EEPROMs
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
Shenzhen Huazhimei Semi...
HM93C46 HMSEMI-HM93C46 Datasheet
556Kb / 17P
   3-wire Serial EEPROMs 1K/2K/4K HM93C46/56/66
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com