Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25020A-10PQ-2.7 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT25020A-10PQ-2.7
Description  SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020A-10PQ-2.7 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT25020A-10PQ-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 9Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 10Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 11Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 12Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 13Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 14Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 15Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
AT25010A/020A/040A
5087B–SEEPR–1/05
AT25010A Ordering Information
Ordering Code
Package
Operation Range
AT25010A-10PE-2.7
AT25010AN-10SE-2.7
8P3
8S1
Extended Temperature
(
−40°C to 125°C)
AT25010A-10PQ-2.7
AT25010A-10TQ-2.7
AT25010AN-10SQ-2.7
8P3
8A2
8S1
Lead-free/Halogen-free
Extended Temperature
(−40°C to 125°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 0.170” Wide, Thin Shrink Small Outline Package (TSSOP)
Options
−2.7
Low Voltage (2.7V to 5.5V)


Similar Part No. - AT25020A-10PQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A-10PU-1.8 ATMEL-AT25020A-10PU-1.8 Datasheet
559Kb / 22P
SPI Serial EEPROM
AT25020A-10PU-2.7 ATMEL-AT25020A-10PU-2.7 Datasheet
559Kb / 22P
SPI Serial EEPROM
More results

Similar Description - AT25020A-10PQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A Datasheet
390Kb / 18P
SPI Serial Extended Temperature EEPROMs
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
1K/2K/4K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
Shenzhen Huazhimei Semi...
HM93C46 HMSEMI-HM93C46 Datasheet
556Kb / 17P
3-wire Serial EEPROMs 1K/2K/4K HM93C46/56/66
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com