Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM152D70G104KE15 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM152D70G104KE15
Description  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM152D70G104KE15 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM152D70G104KE15 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM152D70G104KE15 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
■ Specifications and Test Methods
No
1
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage which may be
applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V
P-P or VO-P,
whichever is larger, should be maintained within the rated voltage
range.
2
Appearance
No defects or abnormalities.
Visual inspection.
3
Dimension
Within the specified dimensions.
Using calipers. (GRM02 size is based on Microscope)
4
Voltage proof
No defects or abnormalities.
Measurement Point 
  :Between the terminations
Test Voltage  
      : 250% of the rated voltage
Applied Time
: 1 to 5 s
Charge/discharge current : 50mA max.
5
Insulation Resistance(I.R.)
More than 50Ω ∙ F
Measurement Point  
  : Between the terminations
Measurement Voltage
: DC Rated Voltage
Charging Time
:1 min
Charge/discharge current : 50mA max.
Measurement Temperature :Room Temperature
6
Capacitance
Shown in Rated value.
Measurement Temperature :Room Temperature
7
Dissipation Factor (D.F.)
B1,R1,B3,R6,R7,C6,C7,C8,E7,D7 : 0.1 max.
D8,GRM31CR60J107 : 0.15 max
GRM31CR71E106 : 0.125
max
*1 For items listed in Table 1 on the left, the capacitance should
be measured using a voltage of 0.5+/-0.1Vrms instead of
1.0+/-0.2Vrms.
*2 For item GRM188R70J105, the capacitance should be measured
using a voltage of 1.0+/-0.2Vrms instead of 0.5+/-0.1Vrms.
8
Temperature
No bias
B1,B3 : Within +/-10%
(-25°C to +85°C)
The capacitance change should be measured after 5 min.
Characteristics
R1,R7 : Within +/-15%
(-55°C to +125°C)
at each specified temp. stage.
of Capacitance
R6
: Within +/-15%
(-55°C to +85°C)
In case of applying voltage, the capacitance change should be
C6
: Within +/-22%
(-55°C to +85°C)
measured after 1 min. with applying voltage in equilibration of
C7
: Within+/-22%
(-55°C to +125°C)
each temp. stage.
C8
: Within +/-22%
(-55°C to +105°C)
Capacitance value as a reference is the value in step 3.
E7
: Within +22/-56%
(-55°C to +125°C)
D7
: Within +22/-33%
(-55°C to +125°C)
· Measurement Voltage
D8
: Within +22/-33%
(-55°C to +105°C)
GRM155R61A475 only : 0.10+/-0.03Vrms
GRM033B31C 123 to 104, GRM152B31A 104/224,
GRM188B30J 475/106, GRM21BB31A226 only : 0.20+/-0.05Vrms
GRM022R60J 153 to 104 only : 0.2+/-0.1Vrms
50% of
B1: Within +10/-30%
GRM21BR71A106 only : 0.35+/-0.05Vrms
the rated
R1: Within +15/-40%
GRM319R61K225 only : 2.0+/-0.4Vrms
voltage
・Initial measurement
Perform a heat treatment at 150+0/-10°C for 1h and then
let sit for 24+/-2h at room temperature,then measure.
9
Adhesive Strength
No removal of the terminations or other defect
Solder the capacitor on the test substrate shown in Fig.3.
of Termination
should occur.
Holding Time
: 10+/-1s
Applied Direction : In parallel with the test substrate and vertical with the
capacitor side.
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
Item
Specification
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
b
a
Solder Resist
Chip Capacitor
Land
These Part Numbers are designed for use in the circuits w here
continuous applied voltage to the capacitor is derated than rated
voltage, and guarantee Durability Test w ith 100% × rated voltage
as testing voltage at the maximum operating temperature.
The voltage and temperature derating conditions on the left are
recommended for use to ensure the same reliability level as
normal specification.
Step
Temperature(
C)
Applying Voltage(VDC)
1
Reference Temp.+/-2
No bias
2
Min.Operating Temp. +/-3
3
Reference Temp. +/-2
4
Max.Operating Temp. +/-3
5
Reference Temp. +/-2
50% of
the rated voltage
(For B1,R1)
6
Min.Operating Temp. +/-3
7
Reference Temp. +/-2
8
Max.Operating Temp.+/-3
*Table 1
GRM033 B3/R6 1A 123 to 823
GRM033 B3/R6 1A 104
GRM155 B3/R6 1A 124 to 105
GRM185 B3/R6 1C/1A 105
GRM185 C8/D7 1A 105
GRM188 B3/R6 1C/1A 225
GRM188 R7/C8/D7 1A 225
GRM188 B3/R6 1A 335
GRM219 B3/R6 1C/1A 475
GRM219 C8 1A 475
GRM219 B3/R6 1A 106
GRM21B B3/R6 1C/1A 106
GRM21B R7/C8 1A 106
GRM319 B3/R6 1C/1A 106
Capacitance
Frequency
Voltage
*1 C≦
10μF
(10V min.)
1.0+/-0.1kHz
1.0+/-0.2Vrms
*2 C≦
10μF
(6.3V max.)
1.0+/-0.1kHz
0.5+/-0.1Vrms
C>
10μF
120+/-24Hz
0.5+/-0.1Vrms
JEMCGS-00047W
2


Similar Part No. - GRM152D70G104KE15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM152D70G104ME15 MURATA-GRM152D70G104ME15 Datasheet
838Kb / 30P
Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM152D70G104KE15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com