Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31B5C2H821JW01 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # GRM31B5C2H821JW01
Description  Chip Monolithic Ceramic Capacitor for General
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31B5C2H821JW01 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GRM31B5C2H821JW01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
The surface temperature of the capacitor : 125°C or less
(including self-heating)
2012M/0805(2012M:Metric size code)
C0G(5C) Char. Rated Voltage : DC500V
C0G(5C) Char. Rated Voltage : DC630V
Except for 2012M/0805(2012M:Metric size code)
C0G(5C) Char. Rated Voltage : DC630V
C0G(5C) Char. Rated Voltage : DC1kV
C0G(5C) Char. Rated Voltage : DC3.15kV
The capacitors less than 22pF can be
applied maximum 4.0kV peak to peak
at 100kHz or less only for the ballast or
the resonance usage in the CFL inverter
circuit.
Frequency VS Allowable Sine Wave Voltage
Caution
!
10
100
1000
10
100
1000
Frequency [kHz]
~470pF
680pF
1000pF
1200pF
(630V)
10
100
1000
10
100
1000
Frequency [kHz]
~470pF
680pF
1000pF
1200pF
(630V)
JEMCGC-05049A
10


Similar Part No. - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31B5C2H821FW01 MURATA-GRM31B5C2H821FW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM31B5C2H821GW01 MURATA-GRM31B5C2H821GW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com