Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31B5C2H821JW01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM31B5C2H821JW01
Description  Chip Monolithic Ceramic Capacitor for General
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31B5C2H821JW01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM31B5C2H821JW01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
GRM31B5C2H821JW01_ (1206, C0G:EIA, 820pF, DC500V)
_: packaging code
Reference Sheet
1.Scope
  
2.MURATA Part NO. System
(Ex.)
3. Type & Dimensions
(Unit:mm)
4.Rated value
・Soldering Method
Flow / Reflow
5.Package
Product specifications in this catalog are as of Sep.14,2016,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
(3) Temperature Characteristics
(Public STD Code):C0G(EIA)
g
0.3 min.
(5) Nominal
Capacitance
mark
(4)
Rated
Voltage
Packaging Unit
DC 500 V
Temp. Range
(Ref.Temp.)
(8) Packaging
0±30 ppm/°C
25 to 125 °C
(25 °C)
1.5 min.
(1)-1 L
3.2±0.2
(1)-2 W
1.6±0.2
This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.Do not use these products in any automotive power
train or safety equipment including battery chargers for electric vehicles and plugin hybrids.
(2) T
e
Chip Monolithic Ceramic Capacitor for General
Specifications and Test
Methods
(Operating
Temp. Range)
Temp. coeff
or Cap. Change
±5 %
(6)
Capacitance
Tolerance
820 pF
1.25+0/-0.3
-55 to 125 °C
L
f180mm Reel
EMBOSSED W8P4
3000 pcs./Reel
K
f330mm Reel
EMBOSSED W8P4
10000 pcs./Reel
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging Code
(7)Murata’s Control
Code
GRM
31
B
5C
2H
821
J
W01
L
GRM31B5C2H821JW01-01
1


Similar Part No. - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31B5C2H821FW01 MURATA-GRM31B5C2H821FW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM31B5C2H821GW01 MURATA-GRM31B5C2H821GW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com