Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31B5C2H821JW01 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # GRM31B5C2H821JW01
Description  Chip Monolithic Ceramic Capacitor for General
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31B5C2H821JW01 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GRM31B5C2H821JW01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
(Unit : mm)
Dimensions of chip
[L×W]
4.5×3.2
3.6
4.9
5.7×2.8
3.2
6.1
5.7×5.0
5.4
6.1
(Unit : mm)
(Unit : mm)
Package
(6) The top tape or cover tape and base tape are not attached at the end of the tape for a minimum of 5 pitches.
(7) Missing capacitors number within 0.1% of the number per reel or 1pc, whichever is greater, and not continuous.
(8) The top tape or cover tape and bottom tape shall not protrude beyond the edges of the tape and shall not
cover sprocket holes.
(5) Part of the leader and part of the empty tape shall be attached to the end of the tape as follows.
(c) Type C (Dimensions of chip : Apply to 4.5x3.2 to 5.7x5.0)
(4) Dimensions of Reel
A*
B*
(9) Cumulative tolerance of sprocket holes, 10 pitches : ±0.3mm.
(10) Peeling off force : 0.1 to 0.6N in the direction shown on the follows.
f1.5+0.1/-0
8.0±0.1
2.0±0.05
4.0±0.1
A
Dimensions of A,B : Nominal value
Base Tape
Top Tape or Cover Tape
165 to 180°
Direction of feed
Vacant section : 190 min.
Chip-mounting unit
Vacant section : 160 min.
210 min.
0.3±0.1
3.7max.
2.0±0.5
f21±0.8
f13±0.2
13.0±1.0 : Tape width 8mm
17.0±1.0 : Tape width 12mm
9.0+1.0/-0 : Tape width 8mm
13.0+1.0/-0 : Tape width 12mm
JEMCGP-03074A
6


Similar Part No. - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31B5C2H821FW01 MURATA-GRM31B5C2H821FW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM31B5C2H821GW01 MURATA-GRM31B5C2H821GW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com