Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6419 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6419
Description  Bidirectional Thyristor Diodes (SIDAC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6419 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6419 Datasheet HTML 1Page - NTE Electronics NTE6419 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Breakover Voltage
NTE6415
VBO
50Hz Sine wave, IB = 0
45
60
V
NTE6416
55
65
V
NTE6417
95
113
V
NTE6418
104
118
V
NTE6419
110
125
V
Peak Off Current
IDRM
50Hz Sine Wave, V = Rated VDRM
10
µA
Breakover Current
IBO
50Hz Sine Wave
0.5
mA
Holding Current
IH
50Hz Sine Wave
50
mA
ON Voltage
VT
IT = 1A
1.5
V
Switching Resistance
RS
50Hz Sine Wave
0.1
k
.944 (24.0)
Min
.295 (7.5)
Max
.188 (4.78)
.051 (1.29)


Similar Part No. - NTE6419

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6410 NTE-NTE6410 Datasheet
19Kb / 2P
Unijunction Transistor (UJT)
NTE6411 NTE-NTE6411 Datasheet
18Kb / 2P
Bilateral Trigger Diodes (DIACS)
NTE6412 NTE-NTE6412 Datasheet
18Kb / 2P
Bilateral Trigger Diodes (DIACS)
More results

Similar Description - NTE6419

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP3V120 ONSEMI-MKP3V120 Datasheet
86Kb / 8P
Sidac High Voltage Bidirectional Triggers
May, 2000 ??Rev. 3
MKP9V160 ONSEMI-MKP9V160 Datasheet
139Kb / 5P
Sidac High Voltage Bidirectional Triggers
February, 2006 ??Rev. 1
logo
Sanyo Semicon Device
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
12A Bidirectional Thyristor?
DTA05 SANYO-DTA05 Datasheet
78Kb / 3P
0.5A Bidirectional Thyristor
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
Silicon Bidirectional Thyristor
November, 2012??Rev. 0
logo
Sanyo Semicon Device
DTA08E SANYO-DTA08E Datasheet
43Kb / 2P
0.8A Bidirectional Thyristor?
DTB3 SANYO-DTB3 Datasheet
95Kb / 3P
3.0A Bidirectional Thyristor?
DTC10-N SANYO-DTC10-N Datasheet
101Kb / 3P
10A Bidirectional Thyristor?
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
8A Bidirectional Thyristor
DTM6-N SANYO-DTM6-N Datasheet
103Kb / 3P
6A Bidirectional Thyristor?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com